PART |
Description |
Maker |
AKD4552 AK4552VT AK4552 |
3V 96KHZ 24BIT CODEC 3V6kHz4位编解码
|
Asahi Kasei Microsystems Co., Ltd. Asahi Kasei Microsystems Co.,Ltd AKM[Asahi Kasei Microsystems]
|
AKD536506 |
digital audio 24bit 96kHz A/D converter
|
Asahi Kasei Microsystems
|
AK4344 |
24bit and 96kHz DAC with DIT for portable and home audio systems
|
Asahi Kasei Microsystems
|
SLD323V-3 SLD323V SLD323V-1 SLD323V-2 SLD323V-21 S |
Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:24-TSSOP; IC Generic Number:4270; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C 1W的高功率密度激光二极管 Stereo CODEC IC; IC Function:Stereo CODEC IC; Package/Case:28-TSSOP; Leaded Process Compatible:No; Operating Temp. Max:-40 C; Operating Temp. Min:85 C; Peak Reflow Compatible (260 C):No; Supply Voltage:3.1V RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:24-TSSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 24BIT CODEC AUDIO, 4271, TSSOP28; Resolution, Bits:24bit; Sample Rate:192kHz; DACs, No. of:2; Interface Type:Serial; Output Type:Differential; Voltage, Supply Min:2.37V; Voltage, Supply Max:5.25V; Termination Type:SMD; A/D Converter (A-D) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No High Power Density 1W Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
AK5357KT AK535709 |
24Bit 96kHz ΔΣ ADC
|
Asahi Kasei Microsystems
|
EL5196CW-T7 EL5196C EL5196CS-T13 EL5196CS-T7 EL519 |
Replaced by PCM3052A : 24-bit Stereo Audo Codec with Mic amp, Bias, MUX and PGA 32-VQFN 00MHz的固定增益放大器 24-bit Stereo Audio Codec 96kHz (ADC) 192 kHz (DAC) with Single-Ended Analog Input/Output 24-SSOP -25 to 85 Single 400MHz Fixed Gain Amplifier
|
Electronic Theatre Controls, Inc. ELANTEC[Elantec Semiconductor]
|
AK4380 AK4380VT |
100dB 24BIT 96kHz 2CH DAC
|
Asahi Kasei Microsystems
|
AK4380 |
100dB 24BIT 96kHz 2CH DAC
|
Asahi Kasei Microsystem...
|
AKD4380 |
100dB 24BIT 96kHz 2CH DAC
|
AKM[Asahi Kasei Microsystems]
|
AK5380 |
96kHz 24Bit ADC with Single - ended Input
|
Asahi Kasei Microsystems Co.,Ltd
|
AK4112B |
96K 4-channel S/PDIF Receiver HIGH FEATURE 96kHz 24BIT DIR
|
AKM Asahi Kasei Microsystems
|