PART |
Description |
Maker |
PI74FCT623T PI74FCT623TP PI74FCT623ATP |
FCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDIP20 Single 8-bit Bus Transceiver 位总线收发 FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
|
MtronPTI Pericom Semiconductor Corporation
|
HD74AC245 HD74ACT245 HD74AC245FP HD74AC245RP HD74A |
Octal Bidirectional Transceiver with 3-State Input/Output BUS TRANSCEIVER|SINGLE|8-BIT|AC-CMOS|SOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AC-CMOS|TSSOP|20PIN|PLASTIC BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, Solder Termination, Silver Contacts, UL, CSA, ENEC 总线收发器|单| 8位|行为的CMOS | TSSOP封装| 20针|塑料
|
Hitachi Semiconductor Renesas Electronics, Corp.
|
5962R9571401QXC 5962R9571401QRC FN3040 5962R957140 |
Radiation Hardened 8-Bit Bus Transceiver From old datasheet system Radiation Hardened 8-Bit Bus Transceiver OCTAL LINE TRANSCEIVER, CDIP20 Radiation Hardened 8-Bit Bus Transceiver CMOS SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, CDFP20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
74LCX16500 74LCX16500MTD 74LCX16500G 74LCX16500MEA |
BUS TRANSCEIVER|SINGLE|18-BIT|LCX-CMOS|SSOP|56PIN|PLASTIC Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IDT74LVCH162245A IDT74LVCH162245APV IDT74LVCH16224 |
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 Adjustable Precision Shunt Regulator 8-TSSOP 0 to 70 LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT I/O AND BUS-HOLD 3.3V CMOS 16-Bit Bus Transceiver with 5.0V Tolerant I/O and Bus-Hold
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74F646B 74F646 74F648 74F646BSCX 74F646MSAX |
Single 8-bit Bus Transceiver 位总线收发 From old datasheet system Octal Transceiver/Register with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
GTLP16612 GTLP16612MTDX GTLP16612MEAX |
18-Bit Bus Transceiver 18位总线收发 From old datasheet system CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
|
Fairchild Semiconductor, Corp.
|
IDT74LVCH32245A 74LVCH32245A_DS_31737 IDT74LVCH322 |
Adjustable Precision Shunt Regulator 6-SC70 -40 to 85 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD From old datasheet system 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, AND BUS-HOLD 3.3V CMOS 32-Bit Bus Transceiver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
HD74LS642-1 HD74LS642-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(inverted open-collector outputs)
|
HITACHI[Hitachi Semiconductor]
|
QS74LVCR2245Q QS74LVCR2245SO |
Single 8-bit Bus Transceiver 位总线收发
|
Micrel Semiconductor, Inc.
|
5962-9094001MRA |
Single 8-bit Bus Transceiver 8位总线收发
|
TE Connectivity, Ltd.
|