PART |
Description |
Maker |
PTGL04AS100K2B51B0 |
THERMISTOR PTC 30V 10 OHM 10% RESISTOR, TEMPERATURE DEPENDENT, PTC, 10 ohm, THROUGH HOLE MOUNT
|
Murata Manufacturing Co., Ltd.
|
WMZ11A |
PTC thermistor
|
Sinochip
|
MSC2A101H41 MSCXX3R3H16 MSC1A330H35 MSC1A3R3H16 MS |
PTC THERMISTOR Motor Applications
|
RFE international
|
STB35NF10T4 |
THERMISTOR PTC 6V .35A RESETTABL 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 40A条(丁)|63AB
|
STMicroelectronics N.V.
|
TTC-045 TTC-060 TTC-010 TTC-050 TTC-085 TSM1A-103 |
Thermistor TSM Type Thermistor Temperature Compensation
|
TKS
|
7MBP50NA060-01 |
NTC Thermistor; Resistance:15000ohm; Thermistor Tolerance: /- 5%; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes IGBT-IPM
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
STDD15 STDD15-04W STDD15-05W STDD15-07S STDD15-07S |
LOW CAPACTITANCE DETECTION DIODE LOW CAPACTITANCE DETECTION DIODE LOW CAPACITANCE DETECTION DIODE PTC 1.60A 30V RESETTABLE 30R SER Resettable Fuse; Series:30R; Thermistor Type:PTC; Operating Voltage Max:30V; Holding Current:0.9A; Tripping Current:1.8A; Length:12.2mm; Lead Pitch:5.1mm; Initial Resistance Min:0.07ohm; Initial Resistance Max:0.22ohm RoHS Compliant: NA FUSE,1.85A, 30V, RESET,0.40"WX0.62"H 0.20"LS,TH,0.03 OHMS FUSE,1.85A, 30V, RESET,0.40"WX0.62"H 0.20"LS,TH,0.03 OHMS CAPACTITANCE检测二极管
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
PTCCL05H900ETE PTCCL14H421ETE PTCCL05H181DBE |
PTC CP LDD 5D00 A090 056 120 T PTC CP LDD 13D5 A425 056 120 T Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 13 ohm, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
|
Vishay BCcomponents
|
MF-NSMF020 MF-NSMF200 MF-NSMF012-2 MF-NSMF035 MF-N |
MF-NSMF Series - PTC Resettable Fuses RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT
|
Bourns Inc. Bourns, Inc.
|
TFPT |
Linear PTC Surface Mount Chip Thermistors, Nickel barrier with tin/lead wraparound terminations, Alumina substrate base with PTC thin film element, 0603, 0805, and 1206 sizes available
|
Vishay
|
LTC4050 LTC4050EMS-4.1 LTC4050EMS-4.2 TC4050EMS-4. |
1A Lithium-Ion Linear Battery Charger Controller with Thermistor Interface Lithium-Ion Linear Battery Charger with Thermistor Interface Lithium-Ion Linear Battery Charger Controller with Thermistor Interface; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C
|
LINER[Linear Technology] LINEAR TECHNOLOGY CORP
|