PART |
Description |
Maker |
AD801702 AD8017ARZ-REEL |
Low Cost, High Output Current, High Output Voltage Line Driver Dual High Output Current, High Speed Amplifier
|
Analog Devices
|
FEB-F4065 FEF4065 |
High Voltage Subscriber Line IC HV-SLIC 高压用户线芯片的HV -用户接口
|
Siemens Semiconductor Group SIEMENS AG http:// Siemens Semiconductor G...
|
MC33371P MC33370T MC33369T MC33369TV MC33372TV MC3 |
(MC33369 - MC33374) High Voltage Off Line Power Switching Regulator
|
Motorola
|
MXD1013 MXD1013PA MXD1013PD MXD1013SA MXD1013SE MX |
3-in-1 silicon delay line. Output delay 45ns. 3-in-1 silicon delay line. Output delay 30ns. 3-in-1 silicon delay line. Output delay 90ns. 3-in-1 silicon delay line. Output delay 12ns. 3-in-1 silicon delay line. Output delay 25ns. Silver Mica Capacitor; Capacitance:11pF; Capacitance Tolerance: 1pF; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No 3-in-1 silicon delay line. Output delay 70ns. 3-in-1 silicon delay line. Output delay 75ns. 3-in-1 silicon delay line. Output delay 50ns. 3-in-1 silicon delay line. Output delay 20ns. 3-in-1 silicon delay line. Output delay 80ns. 3-in-1 silicon delay line. Output delay 15ns.
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
CH91 CH41 CH41-91 CH51 CH61 |
High Voltage Leaded (CH Style) Radial, Dual-in-Line & ‘L Lead SMT High Voltage Leaded (CH Style) Radial, Dual-in-Line & ‘L?Lead SMT
|
AVX Corporation
|
HER108 HER106 HER107 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V) HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Amperes
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor] Chenyi Electronics
|
TDA8574 TDA8574_3 TDA8574T/N1 |
TDA8574; Class-H high-output voltage level line driver From old datasheet system
|
Philips
|
ACT-S1M32T-080F14T ACT-S1M32T-080F14Q ACT-S1M32T-0 |
ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module 行为F1M32高速启动块32兆位闪存多芯片模 8-line to 3-line priority encoder 16-SO 0 to 70 8-line to 3-line priority encoder 16-SOIC 0 to 70 CAP AL EL 63V 20% 10UF 105C Quadruple Bus Buffers With 3-State Outputs 14-SO 0 to 70 WIRE T LEAD PLASTIC 22AG RD 1000
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
GL35-00 GL35-01 GL35-02 GL35-04 GL35-06 GL35-08 GL |
Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 120uF; Voltage: 6.3V; Case Size: 6.3x7 mm; Packaging: Bulk 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 1535安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 5x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 68uF; Voltage: 6.3V; Case Size: 4x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 56uF; Voltage: 6.3V; Case Size: 5x7 mm; Packaging: Bulk XTAL CER SMT 6X3.5 2PAD Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 1200uF; Voltage: 6.3V; Case Size: 8x20 mm; Packaging: Bulk LED Panel Indicator; LED Color:Yellow; Luminous Intensity:40foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:No RoHS Compliant: No
|
Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS
|
STEVAL-ISA058V1 |
5 W single output SMPS demonstration board based on the VIPer17 off-line high voltage converter
|
STMicroelectronics
|
V175LA10A V175LA2 V175LA20A V175LA5 V230LA10 V230L |
Line Voltage Operation, Radial Lead 线电压工作,径向引线 POWER QUICC II MICROCODE Line Voltage Operation/ Radial Lead Line Voltage Operation Radial Lead
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|