PART |
Description |
Maker |
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
AZHEL11 AZM100EL11 AZ100EL11D |
ECL/PECL 1:2 Differential Fanout Buffer ECL / PECL的差:2扇出缓冲
|
Electronic Theatre Controls, Inc. ETC
|
MC10EP17 MC10EP17DWR2 MC10EP17DT MC10EP17DTR2 MC10 |
Current-Limited, Power-Distribution Switch 8-MSOP-PowerPAD -40 to 85 3.3 / 5V的ECL四路差分驱动接收 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5VECL Quad Differential Driver/Receiver
|
ONSEMI[ON Semiconductor]
|
MC100LVE111FN MC100LVE111FNR2 MC100LVE111 MC100LVE |
3.3V ECL 1:9 Differential Clock Driver LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
|
ONSEMI[ON Semiconductor]
|
AD8145 AD8145YCPZ-RL AD8145YCPZ-R2 AD8145YCPZ-R7 |
High Speed, Triple Differential Receiver with Comparators The AD8145 is a triple, low cost, differential-to-single-ended receiver specifically designed for re
|
AD[Analog Devices]
|
AZ100LVE111E |
ECL/PECL 1:9 Differential Clock Driver with Enable ECL / PECL:9差分时钟驱动器,带有启用
|
Arizona Microtek, Inc.
|
MC100EP445 MC10H100MEL MC10E1651FNR2 NUP4201MR6T1 |
3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad 2-Input NOR Gate With Strobe 5V, -5V ECL Dual ECL Output Comparator With Latch Low Capacitance Surface Mount TVS for High-Speed Data Interfaces -3.3V / -5V Triple ECL Input to PECL Output Translator 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator
|
ON Semiconductor
|
SDB2920 SDB2921 SDB2927 SDB2929 SDB292A SDB292B |
2.5 V, /-100 ppm, differential positive ECL fast edge crystal clock oscillator 2.5 V, /-50 ppm, differential positive ECL fast edge crystal clock oscillator 2.5 V, /-25 ppm, differential positive ECL fast edge crystal clock oscillator 2.5 V, customer specific, differential positive ECL fast edge crystal clock oscillator 2.5 V, /-20 ppm, differential positive ECL fast edge crystal clock oscillator
|
NEL Frequency Controls
|
AD8133NBSP AD8133ACPZ-REEL7 AD8133 AD8133ACP-REEL |
Triple Differential Driver With Output Pull-Down TRIPLE LINE DRIVER, QCC24 Triple Differential Driver with Output Pulldown
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
MC100LVEL4006 MC10LVEL40DW MC10LVEL40DWG MC10LVEL4 |
3.3/5VECL Differential Phase?Frequency Detector 3.3/5V ECL Differential Phase−Frequency Detector
|
ONSEMI[ON Semiconductor]
|
P6SMBJ13 P6SMBJ36 P6SMBJ90CA P6SMBJ P6SMBJ10 P6SMB |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts 2.5V / 3.3V ECL ÷2, ÷4, ÷8 Clock Generation Chip; Package: SOIC 16 LEAD; No of Pins: 16; Container: Rail; Qty per Container: 48 3.3V / 5V ECL ÷2 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 表面贴装瞬态电压抑制电 5.0 - 170Volts 5V ECL Quint 2-Input XOR/XNOR Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 表面贴装瞬态电压抑制电 5.0 - 170Volts SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts 表面贴装瞬态电压抑制电 5.0 - 170Volts 3.3V ECL Dual 1:3 Fanout Buffer; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 5V ECL Quint 2-Input AND/NAND Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 3.3V ECL ÷2 Divider; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V ECL 9-Bit Magnitude Comparator; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tray; Qty per Container: 250 BBG ECL MLTIPLXR 16CHAN; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 5V ECL 1:2 Differential Fanout Buffer; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 5V ECL 2-Bit 8:1 Multiplexer; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Differential Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V ECL 2-Input Differential AND/NAND; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 3.3V ECL Differential Clock D Flip-Flop; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 NECL OUTPUT TRANSLATOR; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 BBG ECL COUNTER 8BIT; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500
|
PanJit International, Inc. Surge Components, Inc. SURGE[Surge Components] http://
|
EL4544_07 EL4544 EL4544IGZ |
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
|
INTERSIL[Intersil Corporation]
|