PART |
Description |
Maker |
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT70V9079L15PF IDT70V9079L15PFI IDT70V9089L15PF I |
32K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 Small Signal Diode; Package: DO-35; No of Pins: 2; Container: Bulk 64K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through
|
SRAM Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT70V9099L12PF IDT70V9099L12PFI IDT70V9199L9PFI I |
From old datasheet system 128K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 128K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.3 128Kx9/x8同步流水线双端口静态RAM Small Signal Diode 高.3 128Kx9/x8同步流水线双端口静态RAM
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MAX7461EUK |
The MAX7461 single-channel loss-of-sync alarm (LOS-bar) provides composite video sync detection in NTSC, PAL,
|
MAXIM
|
IDT70V9269S IDT70V9269 IDT70V9269L IDT70V9269L12PR |
From old datasheet system 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.3 16K的16 SYNCHRONOU?流水线双端口静态RAM
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
MM1067XD MM1067XF |
No-adjustment sync separator sync detector
|
Mitsumi Electric
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
TPC8006-H |
Field Effect Transistor Silicon N Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Portable Equipment Applications Notebook PC Applications
|
TOSHIBA
|
CY27H512-30JC CY27H512-30WC CY27H512-35HC CY27H512 |
64K x 8 High-Speed CMOS EPROM 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 25 ns, PDSO28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 55 ns, PDSO28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 30 ns, PDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 55 ns, CDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 45 ns, CDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 55 ns, CDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 45 ns, CQCC32 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 70 ns, PDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 70 ns, PQCC32 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 70 ns, CQCC32 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 70 ns, PDSO28 CAP SM CER 2200PFD 50V 10% X7R 0805
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|