PART |
Description |
Maker |
UC3842 UC3842D UC3842N UC3843D UC3843N UC2845D UC2 |
CURRENTMODE PWM CONTROLLER Current Mode PWM Controller(?垫?妯″?PWM?у??? CURRENTMODE PWM CONTROLLER 电流模式的PWM控制 (UC3842 - UC3845) CURRENTMODE PWM CONTROLLER (UC2843 / UC2844 / UC2845) CURRENTMODE PWM CONTROLLER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
ISL6432EVAL1 ISL6432 ISL6432CB |
PWM Controller and Triple Linear Power Controller, Adjustable Outputs, 0.8V Reference, ?% Reg, 300kHz Fsw PWM and Triple Linear Power Controller for Home Gateway Applications
|
INTERSIL[Intersil Corporation]
|
BH6570KV |
Power controller 4-channel PWM driver for portable CD
|
Rohm CO.,LTD.
|
AT1368 AT1368B AT1368BR AT1368A AT1368AR AT1368BP |
1- Channel Synchronous Buck PWM Controller with Power Good Reset
|
Aimtron Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
ISL6590 ISL6590DR ISL6580 |
PWM, Integrated Power Stage, 25A Peak, VIN =12V, with Low Side MOSFET Driver and Serial Control Interface, use with ISL6590 VRM10 Apps PWM Controller, Digital Multiphase VRM10, VOUT = 0.8375V to 1.60V @ 120A (using 6x ISL6580), Serial Interface to ISL6580, Programmable AVP Digital Multi-Phase PWM Controller for Core-Voltage Regulation
|
Intersil Corporation
|
NCP1216AD100R2G NCP1216AP100G NCP1216D133R2G NCP12 |
PWM Current-Mode Controller for High-Power Universal Off-line Supplies; Package: PDIP (8 Minus Pin 7); No of Pins: 7; Container: Rail; Qty per Container: 1000 0.5 A SWITCHING CONTROLLER, 110 kHz SWITCHING FREQ-MAX, PDIP7 PWM Current-Mode Controller for High-Power Universal Off-line Supplies with 50% Duty Cycle max; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
|
ON Semiconductor
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
ISL6431EVA ISL6431IB ISL6431 ISL6431EVAL1 ISL6431C |
Triple 3-Input Positive-NAND Gates 14-TSSOP -40 to 85 SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 Advanced Pulse-Width Modulation (PWM) Controller for Home Gateways PWM Controller, VOUT 0.8V Min @ 1.5%, 5V Input, 300kHz, Resistor Programming, SR=6V/sec
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ML4803CP-1 ML4803CP-2 ML4803CP1 ML4803IX-X ML4803 |
Power Factor Correction (PFC) and PWM Controller Combo From old datasheet system CAPACITOR, 10UF 10VCAPACITOR, 10UF 10V; Capacitance:10uF; Voltage rating, DC:10V; Capacitor dielectric type:; Series:SVP; Temp, op. max:105(degree C); Temp, op. min:-55(degree C); Tolerance, :20%; Tolerance, -:20%; Current, ripple 8引脚PFC和PWM组合控制 8-Pin PFC and PWM Controller Combo 1 A POWER FACTOR CONTROLLER WITH POST REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDSO8
|
FAIRCHILD[Fairchild Semiconductor] Micro Linear Corporation Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
WM8608 WM8608EFT WM8608EFT_RV WM8608EFT_V |
5 TO 7.1 CHANNEL PWM CONTROLLER
|
WOLFSON[Wolfson Microelectronics plc]
|
ISL6569CR ISL6569CB-T ISL6569 |
PWM Controller, 2-Phase, 5-Bit DAC, Reg %, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|