PART |
Description |
Maker |
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1372CV25-167AI CY7C1372CV25-167BGI CY7C1372CV2 |
512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 12k × 36/1M × 18流水线的SRAM架构的总线延迟 CAP,Ceramic,10000pF,500VDC,10-% Tol,10% Tol,X7R-TC Code,-15,15%-TC,30ppm-TC RoHS Compliant: Yes 512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
AS7C256A AS7C256A-10JC AS7C256A-15JCN AS7C256A-15J |
IC,AS7C256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,5V 5V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 20 ns, PDSO28 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
R1RW0416DSB-2PR R1RW0416D R1RW0416DGE-2LR R1RW0416 |
4M High Speed SRAM (256-kword x 16-bit) Memory>Fast SRAM>Asynchronous SRAM
|
SRAM Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
AS7C251MFT18A AS7C251MFT18A-75TQC AS7C251MFT18A-75 |
2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 10 ns, PQFP100 High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Everlight Electronics Co., Ltd. ALSC Alliance Semiconductor Corporation
|
GS820H32AQ-138I GS820H32AQ-6I GS820H32AQ-4I GS820H |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 11 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9.7 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 66MHz 18ns 64K x 32 2M synchronous burst SRAM 150MHz 9ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
IS61NVP102436A IS61NVP102436A-166B3 IS61NVP102436A |
1Mb x 36 and 2Mb x 18 STATE BUS SRAM 1M X 36 STANDARD SRAM, PBGA165 PLASTIC, BGA-165 1M X 36 STANDARD SRAM, PDSO100 TQFP-100 2M X 18 STANDARD SRAM, PBGA165
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC Integrated Silicon Solu...
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
AS7C251MNTD18A AS7C251MNTD18A-166TQIN AS7C251MNTD1 |
2.5V 1M x 18 Pipelined SRAM with NTD 1M X 18 ZBT SRAM, 3.8 ns, PQFP100 Current Mode PWMs; Package: DIP; NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1350 7C1350 |
128Kx36 Pipelined SRAM with NoBL Architecture(带NoBL结构28Kx36流水线式 SRAM) 128K × 36至流水线与总线延迟静态存储器体系结构(带总线延迟结构28K × 36至流水线式的SRAM 128Kx36 Pipelined SRAM with NoBL Architecture(B>NoBL结构28Kx36流水线式 SRAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
|