PART |
Description |
Maker |
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LCXH162374MTX 74LCXH162374 74LCXH162374GX 74LCXH |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH16374 74ALVCH16374_2 ACH16374DL ACH16374DGG |
2.5V/3.3V 16-bit edge-triggered D-type flip-flop (3-State)(2.5V/3.3V 16浣?竟缂?Е???D瑙?????涓??锛? 2.5V/3.3V 16-bit edge-triggered D-type flip-flop (3-State)(2.5V/3.3V 16位边缘触发的D触发器(三态)) 2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State From old datasheet system 2.5 V / 3.3 V 16-bit edge-triggered D-type flip-flop (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CD4013BMS CD4013BE CD4013 FN3080 |
D-Type Flip Flop, Dual, Rad-Hard, CMOS, Logic From old datasheet system CMOS Dual ‘D’-Type Flip-Flop CMOS Dual ??Type Flip-Flop IC-4000CMOS
CMOS Dual D-Type Flip-Flop CMOS Dual ‘D?Type Flip-Flop
|
INTERSIL[Intersil Corporation]
|
M74HC273RM13TR M74HC273TTR M74HC273 M74HC273B1R M7 |
OCTAL D TYPE FLIP FLOP WITH CLEAR OCTAL D TYPE FLIP FLOP WITH CLEAR 12-Bit, 3 us DAC, Serial Input, Pgrmable Settling Time/Power Consump., Voltage O/P Range=2x VRef. 8-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
74LVT16374 74LVTH16374 74LVT16374GX 74LVTH16374GX |
32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 208mil, T/R 触发器| 16位| D型|小型终端/ ALVT,BICMOS工艺| SSOP封装| 48PIN |塑料 Low Voltage 16-Bit D-Type Flip-Flop From old datasheet system Low Voltage 16-Bit D Flip-Flop with 3-STATE Outputs
|
ON Semiconductor Fairchild Semiconductor
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
74LVC16374A 74LVC16374ADGG 74LVC16374ADL 74LVCH163 |
16-bit edge triggered D-type flip-flop with 5 V tolerant inputs/outputs (3-State) From old datasheet system 16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
KIC7W74FK |
D Flip Flop SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
V54FCT846ADL V74FCT374PO V74FCT245PO |
8-Bit D-Type Latch Octal D-Type Flip-Flop 八路D类触发器 Single 8-bit Bus Transceiver 位总线收发
|
3M Company
|
DM74ALS273 DM74ALS273MSA DM74ALS273N DM74ALS273SJ |
Octal D-Type Edge-Triggered Flip-Flops with Clear Inputs Octal D-Type Edge-Triggered Flip-Flop with Clear Octal D-Type Flip-Flop FRICTION LOCK HEADER, 6 CIR, STRGHT SQR
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|