PART |
Description |
Maker |
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
PI6C4853111FAE |
2.5V/3.3V 500MHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with 2 to 1 Differential Clock Input Mux
|
Pericom Semiconductor Corp.
|
ICS9DB202 ICS9DB202CF ICS9DB202CFLF ICS9DB202CFLFT |
From old datasheet system Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
|
http:// ICST[Integrated Circuit Systems]
|
LTC2321-12 LTC2321-16 LTC2321-14 LTC2311-16 LTC231 |
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2321HUFD-16TRPBF |
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2323-12-15 |
Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2323CUFD-14PBF |
Dual, 14-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2335HLX-16PBF |
16-Bit, 1Msps 8-Channel Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2435-1-15 LTC2435-15 |
20-Bit No Latency ADCs with Differential Input and Differential Reference
|
Linear Technology
|
NB6L11 NB6L11DTR2 NB6L11D NB6L11DR2 NB6L11DT |
2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR 6L SERIES, LOW SKEW CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 6GHz 2.5V/3.3V Multilevel Input to Differential LVNECL/LVPECL 1:2 Clock or Data Fanout Buffer/Transl From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MC100LVEL05MNR4 |
3.3V ECL 2-Input Differential AND/NAND 100LVEL SERIES, 2-INPUT AND/NAND GATE, DSO8
|
ON Semiconductor
|
AD7450ARZ AD7450ARMZ AD7450ARZ-REEL AD7450ARZ-REEL |
Differential Input, 1 MSPS ADC in SOIC-8 and SO-8 Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
|
Analog Devices
|