PART |
Description |
Maker |
BSS192 Q62702-S634 |
SIPMOS ? Small-Signal Transistor SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level) 150 mA, 240 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
SIEMENS A G SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG NXP Semiconductors N.V.
|
2SK304 2SK304D |
N-Channel Silicon MOSFET Low-Frequency Aplifier Applications N-Channel Junction Silicon FET 20 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, JFET
|
Sanyo
|
BSS229 Q62702-S600 |
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance) 70 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 From old datasheet system
|
NXP Semiconductors N.V. SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
SD5001 SD5401 SD5402 SD5402CY SD5400CY SD5000N XSD |
30.5mm Hole Pushbutton Enclosure; NEMA Type:12, 13; Enclosure Material:Steel; Enclosure Color:Gray; No. of Contacts:5 RoHS Compliant: Yes 50 mA, 15 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET High-Speed DMOS Quad FET Analog Switch Arrays 50 mA, 20 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Magnet-Schultz of America, Inc. Calogic LLC CALOGIC[Calogic, LLC]
|
BZX84C18LT1 BZX84C18LT3 BZX84C36LT1 BZX84C36LT3 BZ |
From old datasheet system Small Signal 5% 20V Small Signal 5% 15V Small Signal 5% 13V Zener Zener Diode MINIBLOC Small Signal 5% 8.2V Zener NP Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 5% 9.1V Small Signal 4.7V Small Signal 5% 7.5V Small Signal 5% 5.1V Zener Voltage Regulators 5.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 3.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 6.2 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 10 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 7.5 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 51 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
|
ONSEMI[ON Semiconductor]
|
SI4354DY-T1-E3 |
TRANSISTOR 9500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
BSS84P06 BSS84P-L6327 BSS84P-L6433 |
SIPMOS Small-Signal-Transistor 170 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-3
|
Infineon Technologies AG
|
DCX124EK DCX124EK-7 DCX144EK-7 DCX144EK DCX114YK-7 |
Redel 1P/ Female Solder 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SJ486ZU-TL-E 2SJ486ZU-TR-E 2SJ486 |
300 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET SC-59A, MPAK-3 Silicon P Channel MOS FET
|
Renesas Electronics Corporation
|
|