PART |
Description |
Maker |
SMNZ |
Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
|
Vishay Siliconix
|
VSMP10 |
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
|
Vishay Siliconix
|
Y4063-20KBDKR Y4063-1.0KBDKR Y4066-10KBDKR Y4066-1 |
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
|
Vishay Siliconix
|
VPR220SZ Y16235R00000A0L Y16235R00000A9L Y16235R00 |
Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of 【 0.05 ppm/∑C, Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of 隆戮 0.05 ppm/隆?C, Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of 卤 0.05 ppm/掳C, Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
|
Vishay Siliconix
|
Y1622350R650A0L Y1622350R650A9L Y1622350R650B0L Y1 |
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of 卤 0.05 ppm/掳C, Tolerance to 卤 0.01 % and Power Rating to 8 W Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of 【 0.05 ppm/∑C, Tolerance to 【 0.01 % and Power Rating to 8 W
|
Vishay Siliconix
|
VCS1625Z |
Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 【 0.05 ppm/∑C and Power Coefficient of 5 ppm at Rated Power
|
Vishay Siliconix
|
VSM1206 VSM1206KCBT VSM1206KDBT VSM1206KDBW VSM120 |
Bulk Metal? Foil Technology Discrete High Precision Surface Mount Chip Resistor Bulk Metal庐 Foil Technology Discrete High Precision Surface Mount Chip Resistor Bulk Metal垄莽 Foil Technology Discrete High Precision Surface Mount Chip Resistor Bulk Metal㈢ Foil Technology Discrete High Precision Surface Mount Chip Resistor
|
VISAY[Vishay Siliconix]
|
Y1636397R000T0W Y1636392R000T0R Y1636397R000T0R Y1 |
RESISTOR, METAL FOIL, 0.1 W, 0.01 %, 0.2 ppm, 392 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT RESISTOR, METAL FOIL, 0.1 W, 0.01 %, 0.2 ppm, 397 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
RS92N |
High Precision Foil Resistor
|
Vishay
|
RCMT0221501BES03 RCMT2057602FHB25 VISHAYSFERNICE-R |
Film/Foil Resistor, RES,AXIAL,METAL FILM,21.5K OHMS,300WV,.1% /-TOL,-25,25PPM TC RCMT Molded Metal Film High Stability (< 0.25 % after 1000 h) High Temperature (up to 175 °C) Precision Resistors Film/Foil Resistor, RES,AXIAL,METAL FILM,82.5 OHMS,350WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,24.9K OHMS,200WV,1% /-TOL,-50,50PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,10K OHMS,400WV,1% /-TOL,-50,50PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,100K OHMS,400WV,1% /-TOL,-25,25PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,100 OHMS,400WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,104K OHMS,400WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,18K OHMS,300WV,.1% /-TOL,-25,25PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,2.1K OHMS,200WV,.5% /-TOL,-50,50PPM TC
|
Vishay Sfernice
|
|