PART |
Description |
Maker |
LM2903 LM39306 NCV2903DMR2G NCV2903DR2G LM2903D LM |
Low Offset Voltage Dual Comparators Low Offset Voltage Dual Comparators DUAL COMPARATOR, 15000 uV OFFSET-MAX, 1500 ns RESPONSE TIME, PDSO8 Low Offset Voltage Dual Comparators(浣?け璋?????2姣????
|
http:// ONSEMI[ON Semiconductor] Unisonic Technologies
|
M28W320EBB85ZB1T M28W320EBT85N1T M28W320EBB85N1T M |
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 12.7 V; VZ min.: 11.4 V; VZ nom: 12 V surface mount silicon Zener diodes Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 15.6 V; VZ min.: 13.8 V; VZ nom: 15 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 11.6 V; VZ min.: 10.4 V; VZ nom: 11 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 10.6 V; VZ min.: 9.4 V; VZ nom: 10 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.5 V; VZ min.: 3.1 V; VZ nom: 3.3 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 14.1 V; VZ min.: 12.4 V; VZ nom: 13 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.6 V; VZ min.: 2.2 V; VZ nom: 2.4 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.9 V; VZ min.: 2.5 V; VZ nom: 2.7 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.2 V; VZ min.: 2.8 V; VZ nom: 3 V 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32兆位(处理器x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
CMPZ4615 CMPZ4616 CMPZ4614 CMPZ4617 CMPZ4618 |
350mW LOW NOISE ZENER DIODE 5% TOLERANCE VARISTOR, 1206 18VDC 0.4JVARISTOR, 1206 18VDC 0.4J; Voltage, varistor at 1mA:25.5V; Voltage, clamping max:42V; Voltage, clamping 8/20us max:40V; Energy, transient 10/1000us max:0.4J; Current, peak 8/20us max:150A; Voltage rating,
|
Central Semiconductor Corp.
|
2PB709AS 2PB709AR |
Low current (max. 100 mA) Low voltage (max. 45 V).Collector-base voltage VCBO -45 V
|
TY Semiconductor Co., Ltd
|
443H 754H 1847E 547G 2544E 743E 555H 447 447H 647H |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits LOW LQ 250MA LDO, VIN 16V MAX, VOUT=4.0V, -40C to 125C, 3-SOT-223, TUBE Anything-to-LVPECL/LVDS Translators with Pin-Selectable Divide-by-Four Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits 8-Bit CODECs Wired Remote Controllers 光电 Optoelectronic 光电
|
Thomas RECOM Electronic GmbH
|
CS3004 CS300407 CS3004-FSZ CS3004-FNZ |
Precision Dual Low-voltage Amplifier DUAL OP-AMP, 10 uV OFFSET-MAX, PDSO8 Precision Low-voltage Amplifier
|
Cirrus Logic, Inc.
|
MAX4741 MAX4741EKA MAX4741EUA MAX4742EKA MAX4742EU |
0.8O, Low-Voltage, Single-Supply Dual SPST Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 0.8<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9 Low-Voltage.Single-Supply Dual SPST Analog Switches 0.8з, Low-Voltage, Single-Supply Dual SPST Analog Switches 0.8 / Low-Voltage / Single-Supply Dual SPST Analog Switches 0.8 Low-Voltage Single-Supply Dual SPST Analog Switches " 0.8|? Low-Voltage, Single-Supply Dual SPST Analog Switches" 0.8, Low-Voltage, Single-Supply Dual SPST Analog Switches 0.8? Low-Voltage, Single-Supply Dual SPST Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
STG368405 STG3684 STG3684QTR |
LOW VOLTAGE 0.5楼? MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
|
STMicroelectronics
|
AZV358G-G1 AZV358M-E1 AZV358M-G1 AZV358GTR-G1 AZV3 |
DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS DUAL OP-AMP, 9000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO8 DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
|
BCD Semiconductor Manufacturing Limited BCD SEMICONDUCTOR MANUFACTURING LTD BCD Semiconductor Manuf...
|
X9119TV14 X9119TV14-2.7 X9119TV14I X9119TV14I-2.7 |
IGBT MODULE, 1200V, 54A; Transistor type:IGBT4; Current, Ic continuous a max:56A; Voltage, Vce sat max:2.05V; Case style:MiniSkiiP 2 ; Current, Ic continuous b max:45A; Time, rise:35ns; Voltage, Vce sat typ:1.85V; Voltage, RoHS Compliant: Yes Single Supply/Low Power/1024-Tap/2-Wire Bus
|
INTERSIL[Intersil Corporation]
|
STG4259 STG4259BJR |
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection Low voltage 0.3ヘ max dual SPDT switch with break-before-make feature and 15KV ESD protection
|
STMicroelectronics
|