PART |
Description |
Maker |
SS12A SS14A SS15A SS110A SS18A SS16A |
RATING AND CHARACTERTIC CURVES
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
5500.2029 5500.2028 5500.2027 5500.2026 5500.2030 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 4A; Leakage Current Rating: 0.1 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|
HCA0207 |
Bipolar Transistor; Package/Case:TO-3P; Current Rating:12A; Voltage Rating:800V Carbon Film Resistors, Power Type From old datasheet system
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
CE40.6100.151 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; "Extra-Safe" fuse drawers; single element are already partial wired
|
Schurter, Inc.
|
ZMM27 ZMM2V7 ZMM8V2 ZMM3V3 ZMM13 ZMM33 ZMM3V6 ZMM4 |
500mW SURFACE MOUNT ZENER DIODE IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Solder
|
http:// DIODES[Diodes Incorporated] Diodes Inc.
|
1SV228 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
SF_BDX16A BDX16A BDX16 |
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:130Vrms; Voltage Rating DC, Vdc:175VDC; Peak Surge Current (8/20uS), Itm:2500A; Clamping Voltage Bipolar PNP Device
|
SEME-LAB[Seme LAB]
|
1SV230 |
FILTER, INLET, IEC, 6A, DPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:57.5mm VARIABLE CAPACITANCE DIODE (CATV CONVERTER 1st OSC TUNING)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
FMU-12S |
FMU-12S-FMU-16S Ratings AND Charactieristic Curves
|
SUNMATE electronic Co.,...
|
1709610000 |
Terminal Block; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Current Rating:15A; Leaded Process Compatible:Yes; Number of Rows:1; Voltage Rating:300V 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SCREW, PLUG
|
Weidmuller, Corp.
|