PART |
Description |
Maker |
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
Micro Commercial Compon...
|
AS1322 AS1322A-BTTT AS1322-13 AS1322B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
NJU26105 |
AGC/eala BASS/T.cont/PEQ/Vol./HPF / QFP32-R1
|
JRC
|
CD4504BMS FN3336 CD4504BKMSR |
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation; Temperature Range: -; Package: 16-FlatPack HEX TTL/CMOS TO CMOS TRANSLATOR, TRUE OUTPUT, CDFP16 From old datasheet system Single, Strobed, High Speed Differential Comparator with Push-Pull Outputs 8-SOIC 0 to 70
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
VCUNCB-44.736 VDUNCB-44.736 VCLNCB-44.736 VDLNCB-4 |
VCXO, CLOCK, 3.686 MHz, CMOS/TTL OUTPUT Voltage Controlled Crystal Oscillator VCXO, CLOCK, 1.024 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 12.288 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 13 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 18.432 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 2 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 34.368 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 49.152 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 40.96 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 20.48 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 19.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 40 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 61.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 44.736 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 6.4 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 15.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 5 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 3.088 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.434 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.096 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.032 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS/TTL OUTPUT
|
Vectron International, Inc
|
MAX4580 MAX4580CAE MAX4580CPE MAX4580CWE MAX4580EA |
1.25<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST.CMOS Analog Switches 1.25Ω、双路SPST、CMOS模拟开 1.25з, Dual SPST, CMOS Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 1.25 / Dual SPST / CMOS Analog Switches 1.25, Dual SPST, CMOS Analog Switches 1.25, Dual SPST,CMOS Analog Switches 1.25 Dual SPST CMOS Analog Switches 1.25? Dual SPST, CMOS Analog Switches
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
TCXO-501-DAE-106 TCXO-501-EAR-156 TCXO-501-EAK-156 |
Temperature Compensated Crystal Oscillator TCVCXO, CLOCK, 46 MHz, CMOS OUTPUT TCVCXO, CLOCK, 44 MHz, CMOS OUTPUT TCVCXO, CLOCK, 48 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.352 MHz, CMOS OUTPUT TCVCXO, CLOCK, 10 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.2 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 15.36 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.6608 MHz, CMOS OUTPUT TCVCXO, CLOCK, 11 MHz, CMOS OUTPUT TCVCXO, CLOCK, 14.31818 MHz, CMOS OUTPUT TCVCXO, CLOCK, 25.165824 MHz, CMOS OUTPUT TCVCXO, CLOCK, 16.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 30.08 MHz, CMOS OUTPUT TCVCXO, CLOCK, 20 MHz, CMOS OUTPUT TCVCXO, CLOCK, 13 MHz, CMOS OUTPUT TCVCXO, CLOCK, 50 MHz, CMOS OUTPUT TCVCXO, CLOCK, 8.75 MHz, CMOS OUTPUT TCVCXO, CLOCK, 10.23 MHz, CMOS OUTPUT
|
Vectron International, Inc http://
|
CDP1851 CDP1851C CDP1851CD CDP1851CDX CDP1851CE CD |
CMOS Programmable I/O Interface From old datasheet system CMOS Programmable I/O Interface(CMOS 可编程I/O接口) CMOS可编程I / O接口的CMOS(可编程的I / O接口 CMOS Programmable I/O Interface(CMOS ???绋?/O?ュ?)
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
VC-801-JAE-E VC-801-JAE-F VC-801-JAE-H VC-801-JAE- |
CMOS Crystal Oscillator CRYSTAL OSCILLATOR, CLOCK, 11.2896 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 13.56 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16.376 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 13.5 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 11.0596 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 1.544 MHz - 125 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 75 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 47.5 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 13 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16.777216 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12.288 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 11.059 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 33 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 25 MHz, CMOS OUTPUT
|
Vectron International, Inc
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|
UPD65321 UPD65322 UPD65323 UPD65941GB-XXX-YEU UPD6 |
Channel-less CMOS gate array employing 0.25 um technology (CMOS-10HD) Channelless type CMOS gate array using 0.35um process
|
NEC
|
VCXO-701-EAW-SE VCXO-701-EAW-SF VCXO-701-EAW-SK VC |
Voltage Controlled Crystal Oscillator VCXO, CLOCK, 24.704 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50.688 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 25 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 6.176 MHz, CMOS OUTPUT VCXO, CLOCK, 32 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 54 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz - 77.76 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
|