PART |
Description |
Maker |
BWR-12/125-D12 BWR-12/125-D48 BWR-5/250-D48 BWR-15 |
Rad-hard hex buffer/converter Rad-hard triple 3-input NOR gate Rad-hard quad D-type flip flop with clear Rad-hard 4 bit synchronous up/down counters 型DC - DC电压转换
|
Ohmite Mfg. Co.
|
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
CD4023BMS CD4012BMS CD4011BMS FN3079 CD4023B CD401 |
From old datasheet system CMOS NAND Gates NAND, 3-Input, Triple, Rad-Hard, CMOS, Logic NAND, 2-Input, Quad, Rad-Hard, CMOS, Logic NAND, 4-Input, Dual, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
54VCXH162373 RHFXH162373K-01Q RHFXH162373K-01V |
Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|
54VCXH16237411 |
Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
|
STMicroelectronics
|
RHRXHR162245K-01Q RHRXHR162245K-01V RHRXHR162245K- |
Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|
HS-0547RH HS-0546RH HS-546RH HS-547RH |
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection Analog Multiplexer, Differential 8-Channel, CMOS, Over Voltage Protection, Rad-Hard Analog Multiplexer, Single 16-Channel, CMOS, Over Voltage Protection, Rad-Hard Analog Multiplexers, Single 16 Channel CMOS, Active Overvoltage Protection, Rad-Hard Analog Multiplexers, Differential 8 Channel CMOS, Active Overvoltage Protection, Rad-Hard
|
Intersil
|
AT60142F AT60142FT-DC17M-E AT60142F-DC15SSB AT6014 |
Rad Hard 512K x 8 Very Low Power CMOS SRAM
|
ATMEL Corporation
|
930105201 5962-0520801QXC 5962-0520801QYC 5962-052 |
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
|
ATMEL Corporation
|
AT60142FT-DC17M-E AT60142FT-DC17SSB AT60142FT-DD17 |
Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 17 ns, UUC Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 17 ns, DFP36
|
Atmel Corp. Atmel, Corp.
|