PART |
Description |
Maker |
C8051F552-IM C8051F570-IM C8051F560-IQ C8051F561-I |
8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC24 Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD
|
SILICON LABORATORIES
|
258669 259892 258933 258932 258935 258937 258936 |
8-/4-Channel, ±12V Multirange Inputs, Serial 16-Bit ADCs 8-/4-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 标志,接 Advanced-Chemistry-Independent, Level-2 Battery Chargers with Input Current Limiting 标志,死亡的危险
|
Maxim Integrated Products, Inc. B&K Precision, Corp.
|
TC1269-5.0VUA TC1269-3.0VUA |
300mA CMOS LDO with Shutdown and VREF Bypass
|
Microchip Technology
|
TC1174VOA TC1174VUA TC1174 |
300mA CMOS LDO with Shutdown and VREF Bypass
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
LX1736 |
VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
|
MICROSEMI[Microsemi Corporation]
|
ISL6531 ISL6531CB |
PWM Controller, Dual, VDDQ =2.5V, VREF =VDDQ/2 @ 1% Reg, with S3 Sleep Mode, VIN =5V, VTT Regulator Internally Compensated Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
|
INTERSIL[Intersil Corporation]
|
SCH2602 |
350 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
ISB-A27-0 |
150 mA, 30 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Ultrathin Miniature Package 4-channel N-channel MOSFET Array
|
Sanyo Semicon Device
|
HI1-0518-5 HI1-0518-8 HI3-0518-5 HI-518 FN3147 |
8-Channel/Differential 4-Channel,CMOS high speed andlog multiplexer 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP18 RESISTOR POWER 125 OHM 8W 5% 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP18 8-Channel/Differential 4-Channel/ CMOS High Speed Analog Multiplexer 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer 8-Channel/Differential 4-Channel CMOS High Speed Analog Multiplexer From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|