PART |
Description |
Maker |
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
STM32F101T6U6A VFQFPN36 LQFP48 LQFP64 STM32F101C6T |
Mainstream Access line, ARM Cortex-M3 MCU with 16 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces Mainstream Access line, ARM Cortex-M3 MCU with 32 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics ST Microelectronics
|
ATSAM3A4CA-CU ATSAM3A8CA-CU ATSAM3X4CA-AU ATSAM3A4 |
AT91SAM ARM-based Flash MCU
|
ATMEL Corporation
|
ATSAM3U1CB-AU |
AT91SAM ARM-based Flash MCU
|
ATMEL Corporation
|
ATSAM4N16BA-AU ATSAM4N16BA-MU ATSAM4N8CA-CU ATSAM4 |
Entry Point to the Atmel ARM Cortex-M4-Based Flash MCU Portfolio
|
ATMEL Corporation
|
STM32F103R4 STM32F103R4T6ATR STM32F103R4T6AXXX STM |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, QCC36 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
|
STMicroelectronics
|
STM32F103XC STM32F103RC STM32F103RD STM32F103RE ST |
Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
|
STMicroelectronics
|
STM32F101T6U6XXX STM32F101R4U6XXX STM32F101R4U6AXX |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics
|
STM32F407IE STM32F407ZE STM32F407IGH6 STM32F405ZG |
ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator
|
STMicroelectronics ST Microelectronics
|
STM32F051K6U6 |
Low- and medium-density advanced ARM?based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
|
STMicroelectronics
|
|