PART |
Description |
Maker |
MAX4165 MAX4165EUK-T MAX4166 MAX4166EPA MAX4166ESA |
Quad, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp. High-Output-Drive / Precision / Low-Power / Single- Supply / Rail-to-Rail I/O Op Amps with Shutdown From old datasheet system High-Output-Drive Precision Low-Power Single- Supply Rail-to-Rail I/O Op Amps with Shutdown High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown Dual, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp with swhutdown.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
AD45048 AD45048AR AD45048AR-REEL7 |
Rail-to-Rail, High Output Current, Upstream ADSL Line Driver
|
Analog Devices
|
MP5421 MP5421DM MP5221 MP5221DK MP5121 |
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
|
Monolithic Power Systems Monolithic Power System...
|
AD8030-15 |
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
|
Analog Devices
|
AS1710B-ASCT AS1710A-ASCT |
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown
|
ams AG
|
MP5421DM |
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
|
MPS Industries, Inc.
|
TS921ID_IDT TS921IDT TS921IYD_IYDT TS921IYDT TS921 |
Rail-to-Rail High Output Current Single Operational Amplifier
|
STMicroelectronics
|
MAX4369 MAX4369EBL-T |
Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP
|
Maxim Integrated Produc...
|
U8600B |
Rail-to-rail high output current single operational amplifier
|
|