PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2N5038 JAN2N5039 JANTXV2N5039 2N5039 JAN2N5038 JAN |
NPN HIGH POWER SILICON TRANSISTOR 20 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA NPN HIGH POWER SILICON TRANSISTOR 2 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-3 From old datasheet system (JAN2N5038 / JAN2N5039) NPN HIGH POWER SILICON TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2SB1430 |
Silicon power transistor PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC[NEC]
|
2SB1432 |
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon power transistor
|
NEC
|
2SD1692 2SD1692L 2SD1692K |
NPN SILICON DARLINGTON TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTOR Low-Power, Single/Dual-Level Battery Monitors with Hysteresis TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 3A条一(c)|26
|
NEC Corp. NEC, Corp.
|
2SC3739 2SC3739-T2B 2SC3739-L |
HIGH FREQUENCY AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
http:// NEC
|
2SB1261-Z 2SB1261L-Z 2SB1261K-Z 2SB1261M-Z 2SB1261 |
Silicon power transistor PNP SILICON EPITAXIAL TRANSISTOR MP-3 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC Corp.
|
2SA1463-T2 2SA1463-T1 2SA1463 |
Silicon transistor HIGH SPEED SWITCHING PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
|
NEC
|
MP4015 |
Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive. Inductive Load Switching. TOSHIBA Power Transistor Module
|
TOSHIBA[Toshiba Semiconductor]
|