PART |
Description |
Maker |
AD7502SD/883B AD7503SQ/883B AD7502SQ/883B AD7501SQ |
4-Channel Analog Multiplexer 1.5A, 500kHz Step-Down Switching Regulators 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel Analog Multiplexer RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.5A, 500kHz Step-Down Switching Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8通道模拟多路复用
|
Analog Devices, Inc.
|
LP3202-A18B5F LP3202-A28B5F LP3202-A33B5F LP3202-A |
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
SC2612E |
500kHz Step-Down DC/DC Converter
|
Semtech
|
EUP2412-15JIR1 EUP2412-18JIR1 EUP2412-25JIR1 EUP24 |
500kHz Synchronous Step-Up Converter
|
Eutech Microelectronics
|
EUP3476DIR1 |
500kHz Synchronous Step-Down Converter
|
Eutech Microelectronics
|
RT8287A |
500kHz Synchronous Step-Down Converter
|
Richtek
|
MPQ28261DL |
21V, 3A, 500kHz Synchronous Step-Down Coverter
|
Monolithic Power Systems
|
MP28256 MP28256EL |
21V, 3A 500kHz Synchronous Step-Down Coverter
|
Monolithic Power Systems
|
BL8033CB6TR |
500KHz, 16V, 3A Synchronous Step-Down Converter
|
SHANGHAI BELLING CO., L...
|