PART |
Description |
Maker |
LPS-100-13.5 LPS-100-7.5 LPS-100-3.3 LPS-100-12 LP |
50W Single Output Switching Power Supply 100W Single Output without PFC Function
|
XP Power Limited
|
AD8592ARM-REEL |
Single CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ...
|
Analog Devices
|
LGA679 LGA679-CO LSA679 LSA679-CO Q62703-Q2554 LYA |
LC SIDELED Low Current LED SINGLE COLOR LED, GREEN, 2.4 mm ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85%
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
POLS16-12T |
16A Output Current Rating DC/DC Open Frame Power Supply Single Output
|
Wall Industries,Inc.
|
POLS10-05T-P |
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
|
Wall Industries,Inc.
|
FDED-9PF FDED-9SF FDAD-15PF FDAD-15SF FDAD-25PF FD |
RIBBON-CABLE LOW-PROFILE FD CONNECTORS RIBBON-CABLE LOW-PROFILE FD CONNECTORS 带状线低轮廓衍生连接 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Switch Mode Power Supply; Output Power:1500W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:125A; Power Supply Mounting:Chassis; Output Voltage:12V; Series:HWS1800T RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
MAX4165 MAX4165EUK-T MAX4166 MAX4166EPA MAX4166ESA |
Quad, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp. High-Output-Drive / Precision / Low-Power / Single- Supply / Rail-to-Rail I/O Op Amps with Shutdown From old datasheet system High-Output-Drive Precision Low-Power Single- Supply Rail-to-Rail I/O Op Amps with Shutdown High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown Dual, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp with swhutdown.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX548 MAX548-MAX550 MAX550AEPA MAX549AC/D MAX549A |
2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in µMAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in μMAX Package 2.5V to 5.5V / Low-Power / Single/Dual / 8-Bit Voltage-Output DACs in MAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in レMAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in MAX Package
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
D2N230CG D2N130CD D2N130CF D2N130CG D2N230CD D2N23 |
Dual Low Power Current Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX Single Pole, Single Throw Normally Open
|
Nihon Inter Electronics, Corp. NIEC[Nihon Inter Electronics Corporation]
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ICS9147-01 ICS9147F-01 |
Frequency Generator & Integrated Buffers for PENTIUMTM Switch Mode Power Supply; Output Power:80W; Mounting Type:PCB; Output Current:8A; Output Power Max:80W; Output Power Min:60MW; Output Voltage:5VDC; Series:LPT60; Supply Voltage:370VDC; Supply Voltage Max:264VAC RoHS Compliant: Yes 频率发生
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] Integrated Device Technology
|
MPA250X-05Z MPA250X-09Z MPA250X-12Z MPA250X-15Z MP |
Smallest 1U 250W Single Output Power Factor Corrected AC/DC Power Supplies
|
MicroPower Direct, LLC
|