PART |
Description |
Maker |
PIC0518HP PIC0518HP100MN PIC0518HP1R0MN PIC0518HP3 |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIC0615HR22YN PIC0615HR68MN PIC0615HR33MN PIC0615H |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIB0518MP1R0MN PIB0518MP4R7MN PIB0518MPR33MN PIB05 |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIC0603H PIC0603H100MN PIC0603H1R0MN PIC0603H1R5MN |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIB0502MP PIB0502MP1R0MN PIB0502MP2R2MN PIB0502MP3 |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
9250-684-RC 9250-332-RC 9250-182-RC 9250-122-RC 92 |
CHOKE RF MOLDED 680UH FERRITE 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3.3UH IRON 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.8UH IRON 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.2UH IRON 1 ELEMENT, 1.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3900UH FERRITE 1 ELEMENT, 3900 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .68UH PHENOLIC 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 18UH FERRITE 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 82UH FERRITE 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 15UH FERRITE 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .47UH PHENOLIC 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:9250; Inductance:4.7uH; Inductance Tolerance: /- 10 %; Q Factor:44; Self Resonant Frequency:70MHz; Terminal Type:Axial Leaded; Core Material:Iron; Current Rating:380mA; DC Resistance Max:0.55ohm
|
Bourns, Inc. BOURNS INC
|
PIA1265SPR68MN |
Molded Choke Coil
|
Superworld Electronics
|
LPP-100-13.5 LPP-100-12 LPP-100-48 LPP-100-27 LPP- |
CHOKE,AXIAL,MOLDED RF,0.15uH, 10% INDUCTIVE TOL,1100 IDC 100W Single Output with PFC Function CHOKE,AXIAL,MOLDED RF,0.56uH, 10% INDUCTIVE TOL,495 IDC CHOKE,AXIAL,MOLDED RF,0.47uH, 10% INDUCTIVE TOL,590 IDC CHOKE,AXIAL,MOLDED RF,0.39uH, 10% INDUCTIVE TOL,640 IDC
|
Astrodyne, Inc.
|
PIA0402SP5R6MN PIA0402SP8R2MN PIA0402SPR82MN PIA04 |
Molded Choke Coil
|
Superworld Electronics
|
ETQP2H1R8BFA ETQP2H0R3BFA ETQP2H0R7BFA ETQP2H1R2BF |
Power Choke Coil
|
Panasonic Semiconductor
|
ETQP3LR33XFN ETQP3M1R0YFN ETQP3M1R5YFN ETQP3MR68YF |
Power Choke Coil
|
Panasonic Semiconductor
|
|