PART |
Description |
Maker |
MAX1406 MAX1406CPE MAX1406CAE MAX1406CWE MAX1406EA |
±15kV ESD-Protected, EMC Compliant, 230kbps, 3 Tx/3 Rx RS-232 IC 15kV ESD-Protected / EMC-Compliant / 230kbps / 3-Tx/3-Rx RS-232 IC 【15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC 15kV ESD-Protected EMC-Compliant 230kbps 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant,230kbps, 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDIP16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX3450E08 MAX3450EEUD MAX3451EEUD MAX3452EEUD MAX |
隆戮15kV ESD-Protected USB Transceivers 卤15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers LINE TRANSCEIVER, PDSO14
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
MAX3244E MAX3226E MAX3224E MAX3224ECAP MAX3224ECPP |
卤15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected 1A 1Mbps 3.0V to 5.5V RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected, 1A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 【15kV ESD-Protected, 1レA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 【15KV ESD-PROTECTED, 1ヌA, 1MBPS, 3.0V TO 5.5V, RS-232 TRANSCEIVERS WITH AUTOSHUTDOWN PLUS -15kV ESD-protected, 1microA, 1Mbps, 3.0V to 5.5V, RS-232 transceiver with autoshutdown plus.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
5962-9169201QXC 5962-9169202QXC 5962-9169201Q3C 59 |
Analog to Digital Converter ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 5V RS-232 Transceivers 八路D类触发器
|
Skyworks Solutions, Inc.
|
MAX3190-BMAX3190E MAX3190EUT-T MAX3190 MAX3190E MA |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / 460kbps / RS-232 Transmitters in SOT23-6 【15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3232E MAX3222 MAX3241E MAX3246 MAX3222E MAX3222 |
Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP ±15kV ESD保护、电流低0nA.0V.5V供电、速率高达1Mbps的真RS-232收发 DIODE SWITCHING SINGLE 250V 200mA-Io 250mW 50ns-trr SOD-123 3K/REEL 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / Down to 10nA / 3.0V to 5.5V / Up to 1Mbps / True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products, Inc.
|
ST3485EC ST3485EB ST3485ECN ST3485E ST3485EBD ST34 |
3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电5KV静电保护,TRASMIT高达12Mbps的真RS-485/RS-422收发 Stratix FPGA 40K FBGA-1508 3.3V供电15KV静电保护。发送蚂蚁可2Mbps真RS-485/RS-422收发
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
ISL83386EIV-T ISL83386EIV ISL83386E |
RS-232 Transceiver, 3T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Manual Powerdown with VL 15kV ESD Protected/ 3V to 5.5V/ 1 Microamp/ 250kbps/ RS-232 Transmitters/Receivers with Separate Logic Supply 15kV ESD Protected 3V to 5.5V 1 Microamp 250kbps RS-232 Transmitters/Receivers with Separate Logic Supply 【15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
|
INTERSIL[Intersil Corporation]
|
MAX1489E MAX1489ECPD MAX1489ECSD MAX1489EEPD MAX14 |
KJA 22C 22#22 PIN RECP 15kV ESD-Protected / Quad / Low-Power RS-232 Line Receiver 【15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
HIN208E HIN208ECA HIN208ECA-T HIN208ECB HIN208ECB- |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDIP24 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDSO28 /-15kV ESD-Protected 5V PoweredRS-232 Transmitters/Receivers /-15kV, ESD-Protected, 5V Powered,RS-232 Transmitters/Receivers /-15kV/ ESD-Protected/ 5V Powered/RS-232 Transmitters/Receivers
|
BRILLIANCE SEMICONDUCTOR, Inc. Intersil, Corp. INTERSIL[Intersil Corporation]
|