PART |
Description |
Maker |
ST490 ST490A ST490ABD ST490ABDR ST490ABN ST490ACD |
LOW POWER HIGH SPEED RS-485/RS-422 TRANSCEIVER 低电源高RS-485/RS-422收发
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] http://
|
SP481R |
High-Fanout Half-Duplex RS-485 Transceiver(高扇出,半双工RS-485/RS-422收发
|
Sipex Corporation
|
ST1480A ST1480ABD ST1480ABDR ST1480ABN ST1480ACD S |
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电5KV静电保护,TRASMIT高达12Mbps的真RS-485/RS-422收发 3.3V POWERED. 15KV ESD PROTECTED. TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电15KV静电保护。发送蚂蚁可2Mbps真RS-485/RS-422收发 3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
|
STMicroelectronics N.V.
|
MAX3430 MAX3430CPA MAX3430CSA MAX3430EPA MAX3430ES |
/-80 V fault-protected, fail-safe, 1/4-unit load, 3.3 V,RS-485 transceiver 80V Fault-Protected / Fail-Safe / 1/4-Unit Load / #.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver 【80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver " /-80V Fault-Protected, 3.3 V Single supply, Fail Safe, 1/4-Unit load, RS-485 Tranceiver." 80V Fault-Protected, Fail-Safe, 1/4-Unit Load, #.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver ??0V Fault-Protected, Fail-Safe, 1/4-Unit Load, #.3V RS-485 Transceiver
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
ADM3491ARUZ-REEL ADM3491ARU-REEL7 |
LINE TRANSCEIVER, PDSO16 3.3V, Full Duplex, 10Mbps, EIA RS-485 Transceiver
|
ANALOG DEVICES INC
|
ISL81486 ISL81486IB-T ISL81486IBZ ISL81486IU ISL81 |
5 V, ultra high speed, PROFIBUS, RS-485/RS-422 transceiver. 5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers(5V,超高速,PROFIBUS, RS-485/RS-422收发 5V, ultra high speed, PROFIBUS, RS-485/RS/422 transceiver.
|
INTERSIL[Intersil Corporation]
|
ADM485 ADM485AN ADM485AQ ADM485AR ADM485JN ADM485J |
TRANSISTOR, NFET, 7002, SOT-23 LINE TRANSCEIVER, CDIP8 5 V Low Power EIA RS-485 Transceiver 5 V低功耗环境影响评估的RS - 485收发
|
Analog Devices, Inc. AD[Analog Devices]
|
ADM1486AR-REEL7 ADM1486ARZ1 ADM1486ARZ-REEL71 ADM1 |
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
|
Analog Devices
|
|