PART |
Description |
Maker |
AD22103 AD22103K AD22103KCHIPS AD22103KR AD22103KT |
Voltage Output 3.3 V Temperature Sensor withSignal Conditioning 3.3 V Supply Voltage Output Temperature Sensor with Signal Conditioning 3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning ANALOG TEMP SENSOR-VOLTAGE, 0.95V, RECTANGULAR, SURFACE MOUNT SOIC-8 3.3 V Supply/ Voltage Output Temperature Sensor with Signal Conditioning
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7314 7314 AD7314ARM |
Complete Temperature Monitoring System in an 8-Pin SOIC Package Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead SOIC Low-Voltage 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage/ 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
|
AD[Analog Devices]
|
GRM0115C1E1R7CE01 GRM0115C1E6R7CE01 GRM0112C1E1R6C |
Temperature range of temperature characteristics Temperature characteristics (complied standard) Temperature coefficient Rated voltage Operating temperature range
|
Murata Manufacturing Co...
|
5962-8866207MX 5962-8979902XX 5962-8866203ZX 5962- |
x8 SRAM Transceiver Quad IMUX Ethernet Mapper RTC Module With CPU Supervisor Quad Ethernet Mapper ±0.5°C Accurate Analog-Output Temperature Sensor 32.768kHz Temperature-Compensated Crystal Oscillator Electronically Programmable Voltage Reference Low-Voltage Digital Temperature Sensor Triple NV Low Step Size Variable Resistor Plus Memory 9-Bit I<sup>2</sup>C Nonvolatile I/O Expander Plus Memory x8的SRAM Low-Voltage, ±0.5°C Accuracy Digital Thermometer and Thermostat x8的SRAM
|
Coilcraft, Inc.
|
4305 4306 4300 4301 4303 4304 4307 4302 4309 4308 |
Logic IC Remote Temperature Switches with Integrated Fan Controller/Driver Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 7-Channel Precision Temperature Monitor 逻辑IC
|
3M Company
|
PLRF15D PLRC9S PLRB24D PLRC48S PLRE9S PLRC5D PLRC9 |
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Analog IC Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Active RC, 4th Order Lowpass Filter Family; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 模拟IC Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
ITT, Corp. AVX, Corp.
|
VTC4-D22E-12M800 VTC4-D23C-12M800 VTC4-D24A-12M800 |
Voltage Controlled Temperature Compensated Crystal Oscillator TCVCXO, CLIPPED SINE OUTPUT, 12.8 MHz Voltage Controlled Temperature Compensated Crystal Oscillator TCXO, CLIPPED SINE OUTPUT, 12.8 MHz Voltage Controlled Temperature Compensated Crystal Oscillator 压控温度补偿晶体振荡
|
Vectron International, Inc.
|
EDI8C32512CA20EQ EDI8C32512CA20EI EDI8C32512CA20EM |
270MHz Ultra-Accurate Amplifiers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 14-HTSSOP T&R 500MHz Low Power Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 18-Channel TFT-LCD Reference Voltage Generator; Temperature Range: -40°C to 85°C; Package: 38-HTSSOP T&R Multi-Channel Buffer; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 28-HTSSOP T&R X32号的SRAM模块
|
Microchip Technology, Inc.
|
JANTXV1N827ATR-2 JANS1N827ATR-2 JANTXV1N827TR-2 JA |
6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA
|
Microsemi, Corp. Microsemi Corporation
|
AL3K-67132L-70 ALS3-67132L-70 AL1K-67142L-70 ALS3- |
Push-Pull PWM Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 3-Phase, Buck Controllers for AMD CPUs; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C N-Channel MOSFET Gate Driver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Input Voltage, DC/DC Controller for DDR/QDR Memory Termination; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C x8 Dual-Port SRAM x8双端口SRAM
|
Qimonda AG Aeroflex, Inc. Advanced Interconnections, Corp.
|
ENC270D-05B ENC390D-05B ENC470D-05B ENC560D-05B EN |
SMBus Accelerator (SMA); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R µP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset; Temperature Range: -40°C to 85°C; Package: 8-PDIP Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手 STD MOV 性病检验手
|
TE Connectivity, Ltd. ZF Electronics, Corp.
|