PART |
Description |
Maker |
21084655-001 21084655-005 21084655-007 21084655-01 |
10 Gb/s Dual Drive Mach-Zehnder (DDMZ) Modulator
|
JDS Uniphase Corporation
|
M5LV-256_104-10VC M5LV-256_104-10VI M5LV-256_104-1 |
7ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 20ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 10ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 12ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 15ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device)
|
LATTICE[Lattice Semiconductor]
|
VSC7978 |
9.9 Gbps - 11.3 Gbps High Gain Transimpedance Amplifier for TO-Can Based ROSA Applications
|
Vitesse Semiconductor Corporation
|
BCM8124 |
10 GBPS 1:16 DEMUX WITH CDR AND LIMITING AMPLIFIER 10 Gbps:16 Demux的CDR和限幅放大器
|
Broadcom, Corp.
|
NU-73C94C-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver
|
Optoway Technology Inc
|
SPL-74H73H-G |
3.3V / 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX IEEE 802.3ah-2004 PX-20 SC SFP OLT Transceiver
|
Optoway Technology Inc
|
SPL-94B73B-WG |
ITU-T G.984.2 G-PON CLASS B Digital Diagnostic SC SFP OLT Transceiver 3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX / 1.244 Gbps 1310 nm Burst-Mode RX
|
Optoway Technology Inc
|
VSC7280 |
Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
|
Vitesse Semiconductor Corporation
|
TM-DXFP12T TM-DXFP16T TM-DXFP20T TM-DXFP35T TM-DXF |
10 Gbps transponder - LambdaDriver垄莽 Module (TM-DXFP) 10 Gbps transponder - LambdaDriver? Module (TM-DXFP) 10 Gbps transponder - LambdaDriver? Module (TM-DXFP)
|
MRV Communications, Inc.
|
BCM5676 |
BCM5676 4-PORT, 96-GBPS SWITCH FABRIC 4-Port 96 Gbps HiGig Switch Fabric
|
Broadcom Corporation.
|
KGL4203 |
10-Gbps EXOR/NOR IC 0.2μm Gate Length GaAs MESFET Technology 10-Gbps EXOR/NOR IC 0.2レm Gate Length GaAs MESFET Technology 10-Gbps EXOR/NOR IC 0.2m Gate Length GaAs MESFET Technology
|
OKI[OKI electronic componets] OKI electronic components
|