PART |
Description |
Maker |
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
KM68V1002CI |
128K x 8 Bit High-Speed CMOS Static RAM(3.3V Operating)(128K x 8位高速CMOS 静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
CY27C128-120WMB CY27C128-150JC CY27C128-150WC CY27 |
128K (16K x 8-Bit) CMOS EPROM 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 120 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 120 ns, PQCC32 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 45 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 150 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 UVPROM, 200 ns, CDIP28
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AT49F2048 AT49F2048-12RC AT49F2048-12RI AT49F2048- |
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 120 ns, PDSO44 Serial-To-Parallel Interface 20-TSSOP -40 to 85 128K X 16 FLASH 5V PROM, 70 ns, PDSO44 Dual 16-Bit Binary Counters with 3-State Output Registers 20-PDIP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MX26C1000APC-90 MX26C1000ATC-10 MX26C1000AMC-10 MX |
1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 EEPROM 12V, 90 ns, PDIP32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 EEPROM 12V, 100 ns, PDSO32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 EEPROM 12V, 70 ns, PQCC32 128K X 8 EEPROM 12V, 150 ns, PDSO32 128K X 8 EEPROM 12V, 150 ns, PQCC32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
KM68FS1000 KM68FR1000 |
128K x8 Bit Super Low Power and Low Voltage Full CMOS Static RAM(128K x 8位超低功耗和低电压CMOS 静RAM) 128K的x8位超低功耗和低电压的CMOS全静态RAM28K的8位超低功耗和低电压的CMOS静态RAM)的
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
GS840E36AGT-180I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc.
|
27C010TRPFB-12 27C010TRPFB-15 27C010TRPFB-20 27C01 |
POT 1.0K OHM 9MM RD CERM ST SEAL 1 Megabit (128K x 8-Bit) - OTP EPROM 128K X 8 OTPROM, 200 ns, QFP32 LED 589NM CYLINDER YELLOW 5MM LED WHITE SMD PLCC2
|
Maxwell Technologies, Inc
|
MCM6226BBXJ17 MCM6226BBXJ17R2 MCM6226BB MCM6226BBE |
128K x 8 Bit Static Random Access Memory 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K x 8 Bit Static Random Access Memory 128K X 8 STANDARD SRAM, 17 ns, PDSO32
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|