PART |
Description |
Maker |
HT45R37V |
TinyPower C/R-F Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT56R64 |
TinyPower A/D Type with LCD 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT7044A-1 HT7022A-1 HT7024A-1 HT7027A-1 HT7033A-1 |
TINYPOWER VOLTAGE DETECTOR
|
Holtek Semiconductor Inc
|
HT9281 |
(HT9281 - HT9284) TinyPower Operation Amplifier
|
Holtek Semiconductor
|
SLA-570MT SLA-570 SLA-570LT |
High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
DRD270UC120 DRD347UC154 DRD347UH154 DRT105U030F046 |
DISC TYPE DIELECTRIC RESONATOR, 1980 MHz - 2140 MHz DISC TYPE DIELECTRIC RESONATOR, 1540 MHz - 1660 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5080 MHz - 5510 MHz DISC TYPE DIELECTRIC RESONATOR, 3860 MHz - 4190 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 8910 MHz - 9680 MHz DISC TYPE DIELECTRIC RESONATOR, 1820 MHz - 1970 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 3000 MHz - 3260 MHz DISC TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 4200 MHz - 4550 MHz
|
MURATA MANUFACTURING CO LTD
|
T912-B5K-001-05 T912-B5K-001-10 T912-B5K-002-02 T9 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 100 EURO TYPE C PIN BL ASSY ( AMP ) Precision Resistor Network 精密电阻网络
|
Rhopoint Components Ltd. Rhopoint Components, Ltd.
|
AQV414SX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Picked from the 1/2/3-pin side
|
Matsushita Electric Works(Nais)
|
AQV414AX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. I/O isolation: 1.500 V AC. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin
|
Matsushita Electric Works(Nais)
|
BCR16B BCR16C BCR16E |
MEDIUM POWER USE A, B, C : NON-INSULATED TYPE, E : INSULATED TYPE, GLASS PASSIVATION TYPE
|
Mitsubishi Electric Sem... Mitsubishi Electric Corporation
|
DSS6NC52A471Q55B DSS6NC52A101Q55B DSS6NC52A102Q55B |
Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series Leaded EMIFIL (Three-terminal Capacitor type) Small Type
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|