PART |
Description |
Maker |
FD300R12KS4B5 |
62mm C-series module with the fast IGBT2 for high-frequency switching
|
eupec GmbH
|
FZ600R12KS4 |
62mm C-series module with the fast IGBT2 for high-frequency switching
|
eupec GmbH
|
FF300R12KT4 |
62mm C-series module with fast trench/fieldstop IGBT4 and optimized EmCon Diode
|
Infineon Technologies AG
|
FF150R12KE3G |
62mm C-series module with the trench/fieldstop IGBT3 and Emcon High Efficiency diode
|
eupec GmbH
|
BSM25GD120D2 C67076-A2505-A17 025D12D2 |
From old datasheet system Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug IGBT功率模块(功率模相全桥包括快速滑行二极管 IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes) 35 A, 1200 V, N-CHANNEL IGBT
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
PSKD30E PSKD30E-06 PSKD30E04 PSKD30E06 |
Fast Recovery Epitaxial Diode (FRED) Module Fast RecoveryEpitaxial Diode Module
|
Powersem GmbH Meder Electronic
|
MC74F112 MC74F112D MC74F112J MC74F112N ON1232 |
1.2 to 5.5 V 10-A, 12-V Input Non-Isolated Wide-Adjust Module 10-DIP MODULE -40 to 85 F/FAST SERIES, DUAL NEGATIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP 双JK负边沿触发器 From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
BSM50GB120DN2 C67076-A2105-A70 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BSM150GB120DN2 C67076-A2108-A70 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
MH8M36CNJ-6 MH4M365CXJ-6 MH16M36BJ-6 |
8M X 36 FAST PAGE DRAM MODULE, 60 ns, SMA72 SIMM-72 4M X 36 MULTI DEVICE DRAM MODULE, 60 ns, DMA72 16M X 36 FAST PAGE DRAM MODULE, 60 ns, SMA72
|
Qimonda AG
|
BSM150GAL120DN2 150L12N2 C67076-A2013-A70 BSM100GA |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug IGBT功率模块(单用菜刀包括快速续流二极管二极管开关) From old datasheet system IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|