PART |
Description |
Maker |
DG3514DB DG3515DB DG3516DB DG3517DB DG3535DB DG353 |
Device Orientation Options for Analog ICs
|
Vishay Intertechnology,Inc.
|
MMA7660FC12 |
3-Axis Orientation/Motion Detection Sensor
|
Freescale Semiconductor, Inc
|
ACT-PS512K8W-012L2I ACT-PS512K8Y-017L2T ACT-PS512K |
High speed 4 Megabit plastic monolithic SRAM. Options burn-in. Speed 12ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 17ns. High speed 4 Megabit plastic monolithic SRAM. Options none. Speed 10ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle. Speed 15ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 25ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 20ns.
|
Aeroflex Circuit Technology
|
ANI-019 |
Tape & Reel Packaging and Orientation for Surface Mount Components
|
http://
|
SOT54 |
Bulk pack standard product orientation 12NC ending 412
|
NXP Semiconductors
|
SOT96-1-115 |
Tape reel SMD standard product orientation 12NC ending 115
|
NXP Semiconductors
|
RAC10-05DC RAC10-05DC277 RAC10-05SC277 RAC10-12DC |
Single & Dual Output Options
|
Recom International Pow...
|
12600-S-10 12600-S-08 12600-S-12 3341-31BULK 3341- |
3M I/O Connector Mounting Options and Hardware
|
3M Electronics
|
ML2284CCP ADC0838CCV ADC0838BCV ADC0838CCN |
Serial I/O 8-Bit A/D Converters with Multiplexer Options
|
Micro Linear Corporatio...
|
CMA6025-10 CMA6075P-10 CMD60110 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Crydom Inc. CRYDOM CORP
|
6511A |
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
|
MICROSEMI[Microsemi Corporation]
|