PART |
Description |
Maker |
Y11235K0000A0L Y11235K0000A9L Y11235K0000B0L Y1123 |
Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 【 2 ppm/∑C, Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 卤 2 ppm/掳C, Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of ± 2 ppm/°C,
|
Vishay Siliconix
|
Y0014150K000T0L Y0014150R000T0L Y0015150K000T0L Y0 |
Bulk Metal㈢ Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements Bulk Metal? Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements Bulk Metal庐 Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements Bulk Metal垄莽 Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements Bulk Metal? Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
|
Vishay Siliconix
|
UNR2-T220B57KOHMS |
Precision Foil Resistors
|
Riedon Powertron
|
UNR2-1410 |
Precision Foil Resistors
|
Riedon Powertron
|
VPR2205R00001.0 |
Precision Foil Power Resistors in TO 220 Configuration 精密箔功率电阻器220配置
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
RCK02AHR RCK02HR |
Very High Precision, Stability & Reliability Bulk Metal Foil Resistors
|
Vishay
|
VSM0805KAST VSM0805KBBT VSM0805KBST VSM0805KCBT VS |
Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors 散装金属箔表面贴装技术的离散芯片电阻
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Dialight Corporation Vishay Intertechnology, Inc.
|
VCS1610 |
High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of ± 2 ppm/°C, High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 卤 2 ppm/掳C, High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 【 2 ppm/∑C,
|
Vishay Siliconix
|
RCMA0820000DES03 RCMA0220000DES03 RCMA05800R0BES03 |
Film/Foil Resistor, RES,AXIAL,METAL FILM,2K OHMS,400WV,.5% /-TOL,-25,25PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,2K OHMS,300WV,.5% /-TOL,-25,25PPM TC RCMA Molded Metal Film Very High Stability (< 0.25 % after 1000 h) and Precision (up to 0.1 %) Resistors Film/Foil Resistor, RES,AXIAL,METAL FILM,162 OHMS,400WV,.1% /-TOL,-25,25PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,17.4K OHMS,300WV,.5% /-TOL,-25,25PPM TC
|
Vishay Sfernice
|
PHAO2.2/550/1 PHAO1.2/650/1S PHAO1.35/660/1S PHAO1 |
CAPACITOR, FILM/FOIL, 2200 V, 362 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1200 V, 1437 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1350 V, 1153 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1350 V, 873 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1200 V, 1061 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 3000 V, 244 uF, CHASSIS MOUNT
|
Vishay Intertechnology, Inc.
|
Y162712K7560A0W Y162512K7560A0W Y162412K7560A0W Y1 |
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
|
Vishay Siliconix
|
RCMX0215403FHS14 RCMX0215003FHS14 RCMX0215003FHA20 |
Film/Foil Resistor, RESISTOR, METAL FILM, 0.125 W, 1 %, 50 ppm, 1540000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT Film/Foil Resistor, RESISTOR, METAL FILM, 0.125 W, 1 %, 50 ppm, 1500000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT Film/Foil Resistor, RESISTOR, METAL FILM, 0.125 W, 1 %, 50 ppm, 1300000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT Film/Foil Resistor, RESISTOR, METAL FILM, 0.5 W, 5 %, 50 ppm, 2000000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT Film/Foil Resistor, RESISTOR, METAL FILM, 0.125 W, 1 %, 50 ppm, 2000000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT RCMX02, RCMX05, RCMX1 Molded Metal Film High Ohmic Value (to 50 MOhm) Resistors
|
Vishay Sfernice
|
|