PART |
Description |
Maker |
SGP20N60HS SGW20N60HS |
High Speed IGBT in NPT-technology
|
INFINEON[Infineon Technologies AG]
|
APT30GS60KR APT30GS60KRG |
Thunderbolt High Speed NPT IGBT
|
Microsemi Corporation
|
SGW50N60HS |
High Speed IGBT in NPT-technology
|
INFINEON[Infineon Technologies AG]
|
SIGC07T60UN |
High Speed IGBT Chip in NPT-technology positive temperature coefficient
|
Infineon Technologies AG
|
SGD04N60 |
Fast S-IGBT in NPT-technology( NPT 技术中的快S-IGBT) 9.4 A, 600 V, N-CHANNEL IGBT, TO-252AA
|
Infineon Technologies AG
|
HGTP10N120BN HGTG10N120BN HGT1S10N120BNS HGT1S10N1 |
1200V, NPT Series N-Channel IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 35 A, 1200 V, N-CHANNEL IGBT, TO-263AB 35A/ 1200V/ NPT Series N-Channel IGBT 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, NPT N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IXDP20N60BD1 IXDP20N60B |
IGBT Discretes: NPT IGBT High Voltage IGBT with optional Diode
|
IXYS[IXYS Corporation]
|
APT50GT60BR APT50GT60SRG APT50GT60BRG |
Thunderbolt IGBT Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: TO-247 [B]; BV(CES) (V): 600; VCE(sat) (V): 2; IC (A): 52; 110 A, 600 V, N-CHANNEL IGBT, TO-247AD
|
Microsemi Corporation http:// Microsemi, Corp.
|
SGW20N60 Q67040-S4236 Q67041-A4712-A2 Q67041-A4712 |
Fast S-IGBT in NPT-technology Fast S-IGBT in NPT-technology 快速的S -不扩散核武器条约IGBT的技 Fast S-IGBT in NPT-technology( NPT ???涓??蹇??S-IGBT)
|
Infineon Technologies A... INFINEON[Infineon Technologies AG] SIEMENS A G
|
IXGP16N60C2D1 IXGA16N60C2 |
HiPerFASTTM IGBT C2-Class High Speed IGBT 40 A, 600 V, N-CHANNEL IGBT, TO-220AB HiPerFASTTM IGBT C2-Class High Speed IGBT 40 A, 600 V, N-CHANNEL IGBT, TO-263AB
|
IXYS, Corp.
|
APT20GN60SG APT20GN60BG |
NPT IGBT & Trench IGBT IGBT w/ anti-parallel diode
|
Microsemi
|