PART |
Description |
Maker |
MMC4041 |
Quad true/complement buffer QUAD TRUE / COMPLEMENT BUFFER
|
Microelectronica Micro Electronics
|
74LVTH125DB 74LVTH125BQ 74LVT125 74LVT125D 74LVT12 |
3.3 V quad buffer; 3-state LVT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 3.3 V quad buffer; 3-state LVT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PQCC14 3.3 V quad buffer 3-state
|
NXP Semiconductors N.V.
|
74VHC125BQ 74VHCT125PW |
Quad buffer-line driver; 3-state AHC/VHC/H/U/V SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PQCC14 Quad buffer-line driver; 3-state AHCT/VHCT/VT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
NXP Semiconductors N.V.
|
74ABT126CSJ 74ABT126 74ABT126CMTC 74ABT126CMTCX_NL |
Quad Buffer with 3-STATE Outputs Quad Buffer with 3-STATE Outputs ABT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
DM74LS125A DM74LS125AM DM74LS125AN DM74LS125ASJ 74 |
4-Bit Buffer/Driver LS SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Quad 3-STATE Buffer
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVTH16244BDGG51 74LVT16244BDL112 |
3.3 V 16-bit buffer/driver; 3-state, SOT362-1 (TSSOP48), Tube Dry Pack LVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 3.3 V 16-bit buffer/driver; 3-state, SOT370-1 (SSOP48), Tube LVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
NXP Semiconductors N.V.
|
74ABT126CSJX |
Quad Buffer with 3-STATE Outputs; Package: SOP; No of Pins: 14; Container: Tape & Reel ABT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp.
|
74AC16244 74AC16244SSC 74ACT16244MTD 74ACT16244SSC |
From old datasheet system Octal Serial/Parallel Register with Sign Extend Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface ACT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit Buffer/Line Driver with 3-STATE Outputs ACT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp.
|
74ALVT162244 AV162244DL 74ALVT162244DGG 74ALVT1622 |
2.5 V / 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors (3-State) 2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 2.5V/3.3V 16-bit buffer/driver with 30 Ωtermination resistors (3-State)(0 Ω终端电阻器的2.5V/3.3V 16位缓冲器/驱动三态)) 2.5V/3.3V 16-bit buffer/driver with 30
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ABT16244 74ABT16244CSSC 74ABT16244CMTD 74ABT1624 |
16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: SSOP; No of Pins: 48; Container: Tape & Reel ABT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74F38 N74F38N I74F38D I74F38N N74F38D I74F38N602 |
Quad 2-input NAND buffer (open collector) - Description: 2-Input NAND Buffer (Open Collector) ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: 64 mA ; Propagation delay: 10 ns; Voltage: 4.5-5.5 V; Package: Always Pb-free Quad 2-input NAND buffer open collector
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|