PART |
Description |
Maker |
MC75172B MC75174B MC75174BDW |
(MC75172B / MC75174B) QUAD EIA-485 LINE DRIVERS QUAD LINE DRIVER, PDSO20
|
Motorola MOTOROLA INC
|
MC1489A |
Quad Line EIA-232D Receivers
|
ON Semiconductor
|
MC1488-D |
Quad Line EIA-232D Driver
|
ON Semiconductor
|
MC75172B-D |
Quad EIA-485 Line Drivers with Three-State Outputs
|
ON Semiconductor
|
MC3488A-D |
Dual EIA-423/EIA-232D Line Driver
|
ON Semiconductor
|
MC3488A |
Dual EIA-423/EIA-232D Line Driver
|
ON Semiconductor
|
ISL8563E |
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
|
Intersil Corporation
|
AM26LS32 26LS32 MC26LS32D AM26LS32PC |
QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS QUADEIA-422/3LINERECEIVERWITHTHREE.STATEOUTPUTS
|
MOTOROLA[Motorola, Inc] Motorola Inc Motorola Inc Motorola, Inc.
|
B82498-B3569-M B82498-B3279-M B82498-B3689-K |
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA 尺寸0805(EIA)和/012年(IEC)的额定电感2,7700 nH的额定电0一○○○毫
|
EPCOS AG
|
MC145408 MC145405 MC145404 MC145403 |
Driver/ Receiver(驱动接收 驱动接收器(驱动接收器) Drlvers/Recelvers EIA-232-E and CCITT V.28 Drivers/Receivers EIA-232-E and CCITT V.28
|
Motorola Mobility Holdings, Inc.
|
2450FB15A0100 |
2.45 GHz Filter Balun 50:100楼? EIA 0805 2.45 GHz Filter Balun 50:100Ω EIA 0805
|
Johanson Technology Inc.
|
S29AL032D70TFI042 S29AL032D90TFE042 S29AL032D70TFE |
32 Megabit CMOS 3.0 Volt-only Flash Memory 4M X 8 FLASH 3V PROM, 70 ns, PDSO40 32 Megabit CMOS 3.0 Volt-only Flash Memory 32兆位的CMOS 3.0伏只闪存 Balanced Modulators/Demodulators; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 32兆位的CMOS 3.0伏只闪存 3-30V Quad Comparator, Ta = -40 to 85°C; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tube; Qty per Container: 55 Quad Line EIA-232D Receiver; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 D10 - BACKSHELL ENVIRON EMI-RFI STRT MIL Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers; Package: SOIC 16 LEAD; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2500 Up-to-1MHz Single-ended Versatile (Voltage-or-Current-Mode) PWM Controller; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 Balanced Modulators/Demodulators; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 Up-to-36V DC Servo Motor Controller; Package: 16 LEAD PDIP; No of Pins: 16; Container: Tube; Qty per Container: 25 Up-to-36V DC Servo Motor Controller; Package: 16 LEAD PDIP; No of Pins: 16; Container: Rail; Qty per Container: 25 Up-to-1MHz Single-ended Versatile (Voltage-or-Current-Mode) PWM Controller; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 JT 6C 6#20 SKT PLUG Up-to-1MHz Dual Output (Push-pull or H-Bridge) Voltage-or-Current-Mode PWM Controller; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 500 CONNECTOR ACCESSORY Up-to-1MHz Dual Output (Push-pull or H-Bridge) Voltage-or-Current-Mode PWM Controller; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 32 Megabit CMOS 3.0 Volt-only Flash Memory
|
http:// SPANSION LLC Spansion, Inc. Spansion Inc.
|