PART |
Description |
Maker |
MAX1069ACUD |
58.6ksps, 14-Bit, 2-Wire Serial ADC
|
Maxim Integrated Products, Inc.
|
74LVXZ161284 74LVXZ161284MTX 74LVXZ161284MEX 74LVX |
2K, 258 X 8 or 128 X 16, SER EE, -40C to 85C, 8-TSSOP, TUBE 2K, 258 X 8 or 128 X 16, SER EE, -40C to 125C, 8-MSOP, T/R BUS TRANSCEIVER|SINGLE|8-BIT|LVX-CMOS|SSOP|48PIN|PLASTIC 2K, 258 X 8 or 128 X 16, SER EE, -40C to 125C, 8-TSSOP, T/R Low Voltage IEEE 161284 Translating Transceiver
|
Fairchild
|
SMLE12EC6T SMLE12BC7T SMLE12BC7TT86 SMLE13BC8T SML |
SML-E1 Series EXCELEDTM series Compact, Thin size (1.6×0.8mm, t=0.36mm)
|
Rohm
|
AD7896AR AD7896SQ AD7896JR AD7896BN AD7896AN AD789 |
2.7 V to 5.5 V/ 12-Bit/ 8 us ADC in 8-Pin SO/DIP 2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP 14-Bit 50 kSPS ADC Ser. Out, 1.8V Operation 8-MSOP
|
Analog Devices, Inc.
|
MAX127-MAX128 MAX128 MAX128ACAI MAX128ACNG MAX128A |
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface Multirange 5V 12-Bit DAS with 2-Wire Serial Interface Multirange. 5V.12-Bit DAS with 2-Wire Serial Interface Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-15 RoHS Compliant: No 多量程,5V的,12位DAS线串行接
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
OPB871N51TX OPB871N51TV OPB872N51TV |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 150mil, TUBE 256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 208mil, TUBE Photo Gap Detector
|
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IS24C02B-2PI |
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
IS24C128 IS24C128-2 IS24C128-3 IS24C128-3G IS24C12 |
131/072-bit 2-WIRE SERIAL CMOS EEPROM 131/072-bit2-WIRESERIALCMOSEEPROM 131,072-bit 2-WIRE SERIAL CMOS EEPROM 131,072线串行EEPROM中的CMOS 131,072-bit 2-WIRE SERIAL CMOS EEPROM 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] ETC Integrated Silicon Solution, Inc.
|
|