PART |
Description |
Maker |
7178724 7178700 7178670 7178554 7178578 7178748 71 |
2- to 8-Phase VRM 10/9.1 PWM Controllers with Precise Current Sharing and Fast Voltage Positioning SCHRAUBE INNENSECHSK ZYL M4X40 Inhalt pro Packung: 100 Stk. Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias SCHRAUBE INNENSECHSK ZYL M5X40 Inhalt pro Packung: 100 Stk. SCHRAUBE INNENSECHSK ZYL M2.5X6 Inhalt pro Packung: 100 Stk. SCHRAUBE INNENSECHSK ZYL M3X6 Inhalt pro Packung: 100 Stk. SCHRAUBE INNENSECHSK ZYL M25X10 Inhalt pro Packung: 100 Stk. SCHRAUBE INNENSECHSK ZYL M3X16 Inhalt pro Packung: 100 Stk. SCHRAUBE INNENSECHSK ZYL M3X16 Inhalt亲Packung00沙头角
|
PHOENIX CONTACT Deutschland GmbH
|
360667 |
SCHRAUBE SCHNELLVERSCHLUSS Inhalt pro Packung: 50 Stk. SCHRAUBE SCHNELLVERSCHLUSS Inhalt亲Packung50沙头角
|
Avago Technologies, Ltd.
|
0035-5511 0035-5521 0041-2322 0041-2351 0041-2321 |
ANZEIGE GRUNDELEMENT QUADRAT 18X18 SPDT DRUCKTASTER GRUNDELEMENT ANZEIGE TASTER GRUNDELEMENT RUND 18MM DPDT SCHALTER GRUNDELEME RECHTECKIG18X24 SPDT TASTER GRUNDELEMENT RUND 18MM SPDT SCHALTER GRUNDELEME RECHTECKIG18X24 DPDT LINSE RUND 18MM TRUEB BESCHRIFTBAR LINSE RECHTECKIG 18X24MM ROT SCHUTZKAPPE 18X18 LINSE RECHTECKIG 18X24MM GRUEN LINSE RECHTECKIG 18X24MM GELB LENS CLEAR GLASS ((NS)) 透明玻璃透镜((NS)的 LINSE RUND 18MM GELB 林瑟RUND 18毫米盖尔 LENS CLEAR BLUE 镜头清楚的蓝 LINSE QUADRATISCH 18X18MM ROT 林瑟QUADRATISCH 18X18MM SCHALTER GRUNDELEMENT QUADRAT 18X18 SPDT
|
Rochester Electronics, LLC SCHURTER AG PHOENIX CONTACT Deutschland GmbH
|
7991/3X12 7991/4X12 7991/5X25 |
MCU CMOS 8LD 2K EPRM, -40C to 85C, 8-DFN, TUBE MCU CMOS 8LD 2K EPRM, -40C to 85C, 8-SOIC 208mil, T/R SCHRAUBE INNENSECHSKANT POZ M5 25MM Inhalt pro Packung: 50 Stk. SCHRAUBE INNENSECHSKANT POZ结构M525毫米Inhalt亲Packung0沙头角
|
Molex, Inc.
|
1D02 1D00 1D04 1D06 1D08 1D03 1D09 1E31 1E91 3FTL6 |
KAPPE RUND GRUEN KAPPE RUND BLAU KAPPE RUND GELB KAPPE RUND ROT KAPPE RUND GRAU KAPPE RUND SCHWARZ KAPPE LINSE EINLIEGEND RUND GRAU 10ST KAPPE LINSE EINLIEGEND RUND SCHWARZ 10ST 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 品酒师麻省理工学院的LED KAPPE RUND WEISS 凯普RUND韦斯
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd.
|
SFH4289 |
GaAlAs-IR-Lumineszenzdiode in SMT-Geh漉se mit Linse GaAlAs Infrared Emitter in SMT Package with lens 发动器红外光在SMT Lumineszenzdiode,盖赫锓林斯本身麻省理工学院在SMT封装的GaAIAs红外发射器与镜头
|
Electronic Theatre Controls, Inc. ETC OSRAM GmbH
|
SFH5140F SFH5140 SFH5141F |
Schmitt-Trigger IC im Mini-Sidelooker Geh?use mit Linse Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
|
ETC[ETC] OSRAM[OSRAM GmbH]
|
110-90-308-41-105161 110-90-314-41-105161 110-90-3 |
Dual-in-line sockets and headers / open frame / surface mount pick and place Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:18.5pF/ft; Conductor Material:Copper RoHS Compliant: Yes CAT 6A BLADE SERVER PATCH CABLE 5 WHT CAT 6A BLADE SERVER PATCH CABLE 10 WHT Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:30.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:21.9pF/ft; Conductor Material:Copper RoHS Compliant: Yes CAT 6A BLADE SERVER PATCH CABLE 7 WHT Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:27.4pF/ft; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:27.4pF/ft; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Cable/Wire MIL SPEC:MIL-W-16878/4 Type E; Capacitance:30.7pF/ft RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31pF/ft; Conductor Material:Copper RoHS Compliant: Yes OTTA 25 M6 PH3 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes Dual-in-line sockets and headers / open frame / surface mount pick and place 双列直插式插座和开架式/表面贴装贴装 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Quick Connect; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA 双列直插式插座和开架式/表面贴装贴装 CONNECTOR ACCESSORY 双列直插式插座和开架式/表面贴装贴装 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Switch Terminals:Quick Connect; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA 双列直插式插座和开架式/表面贴装贴装 HDFK 25 MIT,SCHRAUBE SIX LOBE 双列直插式插座和开架式/表面贴装贴装 OSC 3.3V SMT 7X5 PECL 双列直插式插座和开架式/表面贴装贴装 CAT 6A BLADE SERVER PATCH CABLE 5 WHT 双列直插式插座和开架式/表面贴装贴装 HDFK 95-VP 双列直插式插座和开架式/表面贴装贴装
|
PREDIP[Precid-Dip Durtal SA] PRECI-DIP SA
|