PART |
Description |
Maker |
74VHCT74A 74VHCT74AM 74VHCT74ASJ 74VHCT74 74VHCT74 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 AHCT/VHCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP14 Dual D-Type Flip-Flop with Preset and Clear AHCT/VHCT/VT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HCTS74KTR HCTS74T HCTS74DTR |
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS 20-LCCC -55 to 125 Radiation Hardened Dual-D Flip-Flop with
Set and Reset(抗辐射双D触发器(带置位、复位)) Radiation Hardened Dual-D Flip-Flop with Set and Reset HCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP14
|
Intersil Corporation
|
ACTS74HMSR-02 |
Dual D Type Flip Flop with Set and Reset, Advanced Logic, CMOS; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) ACT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC14
|
Intersil, Corp.
|
74ACTQ574PC 74ACQ574 74ACQ574PC 74ACQ574SC 74ACQ57 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs Quiet SeriesOctal D-Type Flip-Flop with 3-STATE Outputs 18-Bit LVTTL-to-GTLP Bus Transceiver with Source Synchronous Clock Outputs 56-TSSOP -40 to 85 Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs Quiet Series⑩ Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MC74AC74-D MC74ACT74MEL |
Dual D-Type Positive Edge-Triggered Flip-Flop Dual D-Type Positive Edge Trigger Flip-Flop
|
ON Semiconductor
|
74LCXH162374MTX 74LCXH162374 74LCXH162374GX 74LCXH |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MC74HC374A-D MC74HC374ADW MC74HC374ADWR2 MC74HC374 |
Octal 3-State Non-Inverting D Flip-Flop High-Performance Silicon-Gate CMOS Octal 3-State Noninverting D Flip-Flop Octal D-Type Flip-Flop
|
ON Semiconductor Motorola
|
CD40175BMS FN3360 |
CMOS Quad D Type Flip-Flop(CMOS D触发 的CMOSD型触发器触发器的CMOS四) CMOS Quad ‘D’ Type Flip-Flop From old datasheet system CMOS Quad ??Type Flip-Flop CMOS Quad ‘D Type Flip-Flop
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
74AC377MTC |
Octal D-Type Flip-Flop with Clock Enable AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|
HD14174B HD14174BP |
4000/14000/40000 SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDIP16 Hex D-type Flip Flop
|
HITACHI[Hitachi Semiconductor]
|