PART |
Description |
Maker |
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
TRB6118 TRB6120 TRB6124 TRB6122 TRB6116 TRB6125 |
1800 V, rectifier diode 2000 V, rectifier diode 2400 V, rectifier diode 2200 V, rectifier diode 1600 V, rectifier diode 2500 V, rectifier diode
|
TRANSYS Electronics Limited
|
MBRF20L60CT MBRF20L60CTG MBR20L60CT MBR20L60CTG |
20 A, 60 V Schottky Rectifier 10 A, 60 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE Power Rectifier 60 V, 20 A SWITCHMODE垄芒 Power Rectifier 60 V, 20 A
|
ON Semiconductor
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
BYV118F BYV118F-35 BYV118F-40 BYV118F-45 BYV118X B |
ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 10 A, 40 V, SILICON, RECTIFIER DIODE DB-25 MALE CONN KIT CRIMP 10 A, 40 V, SILICON, RECTIFIER DIODE CRIMP SHELLS DB25 MALE 10 A, 35 V, SILICON, RECTIFIER DIODE Rectifier diodes Schottky barrier 10 A, 35 V, SILICON, RECTIFIER DIODE
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FFH30S60S FFH30S60STU |
30A, 600V STEALTH II Rectifier; Package: TO-247; No of Pins: 2; Container: Rail 30 A, 600 V, SILICON, RECTIFIER DIODE Stealth 2 Rectifier
|
Fairchild Semiconductor, Corp.
|
UG2004-T UG2007 UG2006 UG2006-T |
2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 2A 400V 60A-ifsm 1.3V-vf 50ns 8uA-ir DO-15 4K/REEL-13 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15
|
Diodes, Inc.
|
MBRF20H150CTG MBR20H150CTG |
20 A,150 V H-Series Dual Schottky Rectifier 10 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE?/a> Power Rectifier 150 V, 20 A SWITCHMODE Power Rectifier 150 V, 20 A SWITCHMODE垄芒 Power Rectifier 150 V, 20 A
|
ON Semiconductor
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
|