PART |
Description |
Maker |
PDT1341-AI-BI PDT1341-AI-D4 PDT1341-AI-DN PDT1341- |
Cooling Fan and Exhaust Package; Bearing Style:Ball; Power Rating:15W; Supply Voltage:115VAC; Fan Flow Rate:25CFM; Noise Rating:41dBA; Size/Dimensions:101.6mm x 67mm; Weight:4.2lb RELAY SSR SPST 350V 110MA 6SOP RELAY SSR SPST 350V 110MA 4SOP High Speed CMOS 8-Channel Analog Multiplexer/Demultiplexer with Latch 20-PDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-PDIP -55 to 125 Temperature Range (degrees C): -30 to 85; General Description: Coaxial plug; Right angle; For 1.5D-HQEW/1.5D-QEW RES POWER .010 OHM 3.5W 5% SMT ; Operating Temperature Range (degrees C): -30 to 85; General Description: Coaxial plug; Right angle; For 1.5D-HQEW Fan Filter; For Use With:Hoffman Engineering Type TFP101 Fan Filter; For Use With:Hoffman Engineering Type TFP61UL12 Fan Filter; For Use With:Hoffman Engineering Type TFP10UL12 CONNECTOR RES ARRAY 51 OHM 8TERM 4RES SMD 1 hole long barrel 1/2 hole 3/0 High Speed CMOS Quad Analog Switch with Level Translation and TTL Inputs 16-SOIC -55 to 125 RELAY SSR SPST 20VAC 300MA 4SOP High Speed CMOS Logic BCD-to-7 Segment Latch/Decoder/Driver 16-PDIP -55 to 125 Cooling Fan and Exhaust Package; Supply Voltage:115VAC; Power Rating:80W; Bearing Style:Ball; Fan Flow Rate:215CFM; For Use With:Enclosures Where Space is Limited; Noise Rating:61dBA; Weight:12lb RoHS Compliant: Yes Cooling Fan and Exhaust Package; Bearing Style:Ball; Power Rating:80W; Supply Voltage:115VAC; Fan Flow Rate:75CFM; Noise Rating:61dBA; Weight:12lb Fan Filter; For Use With:Hoffman Engineering Type TFP41UL12 RES ARRAY 47 OHM 8TERM 4RES SMD Cooling Fan and Exhaust Package; Bearing Style:Ball; Power Rating:80W; Supply Voltage:115VAC; Fan Flow Rate:215CFM; For Use With:Enclosures Where Space is Limited; Noise Rating:54dBA; Weight:12lb Pigtailed PIN Photodiodes 尾纤的PIN光电二极 Pigtailed PIN Photodiodes 尾纤PIN光电二极
|
Agilent(Hewlett-Packard... Agilent (Hewlett-Packard) http:// HP[Agilent(Hewlett-Packard)] Maxim Integrated Products, Inc. Linear Technology, Corp.
|
ASM3P2879AG-08TT ASM3I2879A-06OR ASM3I2879A-08SR A |
Low Power Peak Reducing EMI Solution 低功耗峰值抑制EMI解决方案 Low Power Peak Reducing EMI Solution 30 MHz, OTHER CLOCK GENERATOR, PDSO8 Octal D-Type Flip-Flops With Clear 20-TVSOP -40 to 85
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
ASM3P2180AF-08SR ASM3P2180AF-08ST ASM3P2180AF-08TR |
Peak Reducing EMI Solution
|
PulseCore Semiconductor
|
ASM3P2669A ASM3P2669AF-06OR ASM3I2669AF-06OR |
Peak EMI Reducing Solution
|
ON Semiconductor
|
W181-53G W181-52G |
Peak Reducing EMI Solution
|
Cypress Semiconductor Corp.
|
ASM3P2853A ASM3P2853AG-08SR |
Peak EMI Reducing Solution
|
ON Semiconductor
|
W180 |
Peak Reducing EMI Solution
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ASM3P2863 |
Standard Peak EMI Reducing solution
|
ON Semiconductor
|
ASM3P2669A ASM3I2669AF-06OR ASM3P2669AF-06OR ASM3I |
Low Power Peak EMI Reducing Solution
|
PulseCore Semiconductor
|