PART |
Description |
Maker |
MAX6713Z MAX6713T MAX6713S MAX6713R MAX6713M MAX67 |
Microprocessor reset circuit with manual reset input. Reset threshold 2.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.38V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low open-drain reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-high push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low push-pull reset. 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Shift Register 16-SOIC -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输 8-Bit Shift Register 16-PDIP -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
80C88/883 80C88 |
Microprocessor, 8/16 Bit, CMOS, 883 Compliant, Process Speed 8MHz Microprocessor, 8/16 Bit, CMOS, Process Speed 5 and 8MHz Microprocessor 3.08V Reset Monitor, -40C to 125C, 3-SC-70, T/R 16位产品的CMOS微处理器
|
Intersil
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
TS68C000VC8A TS68C000MFB_C8A TS68C000VR8A TS68C000 |
LOW POWER HCMOS 16/32 BIT MICROPROCESSOR
|
ETC[ETC]
|
PD705100GJ-100-8EU UPD705100GJ-100-8EU |
32 Bit Single Chip Microprocessor(32 位单片微处理 32-BIT, 100 MHz, RISC PROCESSOR, PQFP144 32 Bit Single Chip Microprocessor(32 浣????井澶????
|
NEC Corp.
|
ASM3112C ASM4112C |
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
|
Aplus Integrated Circuits APLUS[Apuls Intergrated Circuits] Aplus Intergrated Circuits
|
ASM0406C |
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
|
Aplus Intergrated Circuits APLUS[Apuls Intergrated Circuits] Aplus Integrated Circuits
|
ASM12712C-1 |
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
|
Aplus Intergrated Circuits APLUS[Apuls Intergrated Circuits] Aplus Integrated Circuits
|
ASM6306C |
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
|
APLUS[Apuls Intergrated Circuits]
|
ASM8406C |
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
|
Aplus Intergrated Circuits
|