PART |
Description |
Maker |
M24C08-W |
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
|
意法半导
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
M34F04 M34F04-WMN6TP M34F04-WMN6T M34F04-WMN6TG M3 |
4Kbit Serial IC Bus EEPROM With Hardware Write Control on Top Half of Memory 4Kbit Serial I2C Bus EEPROM With Hardware Write Control on Top Half of Memory 4Kbit串行I2C总线的EEPROM,带有硬件写控制记忆的上半部
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
DS28CN01 DS28CN01U-A00 DS28CN01U-A00T DS28CN0109 |
1Kb I2C/SMBus EEPROM with SHA-1 Engine
|
Maxim Integrated Products
|
EB2-3TNUL-L EB2-3TNUH-R EB2-3TNUH-L EB2-3TNUE EB2- |
Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-VQFN -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 16-SOIC -40 to 85 D-Subminiature Connector; Gender:Female; No. of Contacts:25; Contact Termination:Solder; D Sub Shell Size:DB25; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackscrew; Peak Reflow Compatible (260 C):No RoHS Compliant: No Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-TVSOP -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 20-TSSOP -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-VQFN -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 16-QFN -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-SOIC -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SSOP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-TVSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-TSSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-QFN -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-VQFN -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SSOP/QSOP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SSOP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-TVSOP -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-SOIC -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-VQFN -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-VQFN -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-TVSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SSOP/QSOP -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 16-PDIP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-QFN -40 to 85 COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE 小型,重量轻表面安装 Remote 8-Bit I<sup>2</sup>C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-TSSOP -40 to 85 小型,重量轻表面安装 Remote 8-Bit I/O Expander for I2C-Bus 20-VQFN -40 to 85 小型,重量轻表面安装 16-BIT MPU 小型,重量轻表面安装 Remote 8-Bit I/O Expander for I2C-Bus 20-TVSOP -40 to 85 小型,重量轻表面安装 Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 小型,重量轻表面安装 A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:4; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes 小型,重量轻表面安装 Remote 8-Bit I<sup>2</sup>C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-VQFN -40 to 85
|
NEC[NEC] NEC Corp. NEC, Corp. Actel, Corp.
|
M24C08-RBN3T/G M24C08-RBN3T/W M24C08-RBN3TG M24C08 |
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial IC Bus EEPROM
|
ST Microelectronics
|
93C56 M9306-RDW3T M9306-RDS3T M9306-RDS6T M9306-RD |
16Kbit / 8Kbit / 4Kbit / 2Kbit / 1Kbit and 256bit 8-bit or 16-bit wide Round Conductor Flat Cable, 3749/100 30 AWG, .025 (0.64) 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbitKbitKbitKbit56 8位或16位全 CONNECTOR ACCESSORY 连接器附 HOT MELT ADHESIVE VO-Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 HOT MELT ADHESIVE Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbit4KbitKbit1Kbit56 8位或16位全 TRANS PREBIASED NPN 200MW SOT323 16KbitKbitKbitKbitKbit56 8位或16位全 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
CAT24C03TDI-GT3 CAT24C03TDI-T3 CAT24C05LI-T3 CAT24 |
2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection 2 kb I<sup>2</sup>C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO5 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
NM24C02 NM24C03 NM24C02EN NM24C02FEM8 NM24C02FEMT8 |
I2C Serial EEPROM 2K X 1 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 2K X 1 I2C/2-WIRE SERIAL EEPROM, PDSO8 2K-Bit Standard 2-Wire Bus
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CAT9555YI CAT9555YI-T2 CAT9555WI-T1 CAT9555HV6I-GT |
16-bit I2C and SMBus I/O Port with Interrupt I<sup>2</sup>C / SMBUS Expander, 16-bit, w/int 16 I/O, PIA-GENERAL PURPOSE, PDSO24 16-bit I漏梅C and SMBus I/O Port with Interrupt
|
ON Semiconductor
|
AT24C02AY1-10YI-2.7 AT24C04AY1-10YI-2.7 AT24C04AY1 |
256 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 512 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2 X 3 MM, 0.50 MM PITCH, LEAD AND HALOGEN FREE, MO-229, DFN-8
|
Atmel, Corp.
|
FM24C256 FM24C256LEN FM24C256LEM8X FM24C256FEN FM2 |
256K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 PLASTIC, DIP-8 I2C Serial EEPROM I2C串行EEPROM CONNECTOR 连接
|
Fairchild Semiconductor, Corp. Electronic Theatre Controls, Inc. Mitsubishi Electric, Corp.
|