PART |
Description |
Maker |
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
ECU-V1H103KBV ILC7080AIM5-285 ILC7080AIM5-30 ILC70 |
50/100M SOT-23 CMOS RF LDO REGULATORS 50mA CMOS RF-LDO regulator 100mA CMOS RF-LDO regulator
|
Impala Linear Corporation
|
ILC7280AR2530X ILC7280AR2828X ILC7280AR2830X ILC72 |
Dual 0.15A Low Dropout Voltage Regulator Micropower Dual 150mA CMOS RF LDO Regulators Micropower Dual 150mA CMOS RF LDO-TM Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
FAN2500 FAN2501 FAN2500S26X FAN2500S25X FAN2500S27 |
100 mA CMOS LDO Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5 Low-dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5 100 mA CMOS LDO Regulators 2.7 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5 100 mA CMOS LDO Regulators 2.85 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FAN251010 |
100 mA CMOS LDO Regulators
|
Fairchild Semiconductor
|
BH33NB1WHFV BH33NB1WHFV-TR BH25NB1WHFV BH30NB1WHFV |
1ch 150mA CMOS LDO Regulators
|
ROHM
|
ILC7080AIM5 ILC7081 ILC7081AIM5 ILC7081AIM5ADJ ILC |
50/100mA SOT-23 CMOS RF LDO Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
BH31M0AWHFV BH31M0AWHFV-TR BH25M0AWHFV BH34M0AWHFV |
1ch 300mA CMOS LDO Regulators
|
ROHM
|
TC1305 TC1305R-DVUN |
The TC1305 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space-saving 10-Pin MSOP package. Designed specifically for battery-operated systems, the device’s CMOS construction eliminates wasted ground curre Dual 150mA CMOS LDO With Select Mode⑩ Operation, Shutdown and Independent RESET Output Dual 150mA CMOS LDO With Select Mode Operation, Shutdown and Independent RESET Output The TC1305 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space-saving 10-Pin MSOP package. Designed ...
|
MICROCHIP[Microchip Technology]
|
BHXXPB1WHFV BHXXPB1WHFV09 |
CMOS LDO Regulators with Auto Power Saving Function
|
Rohm
|
BU30TA2WHFV BU30TA2WNVX BU18TA2WHFV BU28TA2WNVX |
High-speed Load Response FULL CMOS LDO Regulators
|
Rohm
|