PART |
Description |
Maker |
BAT54SDW BAT54CDW BAT54ADW BAT54BRW-TP BAT54SDW-TP |
200mWatt, 30Volt Schottky Barrier Diode DIODE SCHOTTKY 200MW 30V SOT363 0.2 A, 4 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
NSR0240P2T5G |
40V 0.2A low IR SOD-923 Schottky Diode 0.2 A, 40 V, SILICON, SIGNAL DIODE Schottky Barrier Diode
|
ON Semiconductor
|
SD103AWS-TP SD103BWS-TP |
DIODE SCHOTTKY 40V 350MA SOD323 0.35 A, 40 V, SILICON, SIGNAL DIODE 400mW Small Signal Schottky Diode 20 to 40 Volts DIODE SCHOTTKY 30V 350MA SOD323
|
Micro Commercial Components, Corp.
|
IRF7526D1 IRF7526D1TR |
Co-packaged HEXFETò Power MOSFET and Schottky Diode FETKYMOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩MOSFET FETKY MOSFET & Schottky Diode(Vdss=-30V Rds(on)=0.20ohm Schottky Vf=0.39V) FETKY MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩ MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
|
International Rectifier, Corp. IRF[International Rectifier]
|
20TQ040S 20TQ035S 20TQ045S 20TQ040 20TQ035STRR 20T |
40V 20A Schottky Discrete Diode in a TO-220AC package 45V 20A Schottky Discrete Diode in a D2-Pak package 35V 20A Schottky Discrete Diode in a D2-Pak package COG Technology, 128 x 64 pixel format SCHOTTKY RECTIFIER 40V 20A Schottky Discrete Diode in a D2-Pak package 45V 20A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier]
|
CMPSH05-4 |
SMD Schottky Diode Single SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
|
CENTRAL[Central Semiconductor Corp]
|
MBRX120-TP MBRX160 MBRX12011 MBRX140 |
DIODE SCHOTTKY 20V 1A SOD123 1 A, 20 V, SILICON, SIGNAL DIODE 1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
|
Micro Commercial Components, Corp.
|
HSCH-3486 HSCH3486 |
ZERO BIAS SCHOTTKY DIODE SILICON, ZERO BARRIER SCHOTTKY, X BAND, MIXER DIODE From old datasheet system
|
Advanced Semiconductor ASI
|
BAT54CW |
30V 0.2A Schottky Common Cathode Diode in a SOT-323 package SCHOTTKY DIODE 0.2 Amp
|
International Rectifier
|
BAS40-04-GS18 BAS40-04-V-G-18 BAS40-00-V-G-18 |
Diode Small Signal Schottky 40V 0.2A 3-Pin SOT-23 T/R SCHOTTKY DIODE SOT23-E3-G
|
Vishay Semiconductors
|