PART |
Description |
Maker |
ISPGDX160-7Q208 ISPGDX160A-7Q208 ISPGDX120A-7Q160 |
Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 22uF; Voltage: 400V; Case Size: 12.5x20 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 15uF; Voltage: 400V; Case Size: 12.5x20 mm; Packaging: Bulk JT 100C 100#22D PIN RECP In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PQFP100 Electrical Outlet Connector; Contact Plating:Nickel; Current Rating:30A RoHS Compliant: Yes DSP-CROSSBAR SWITCH, PQFP208 In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PQFP208 Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 33uF; Voltage: 400V; Case Size: 16x20 mm; Packaging: Bulk DSP-CROSSBAR SWITCH, PBGA272 In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PQFP160 In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PBGA272
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp. JDS Uniphase, Corp.
|
TEF6657 TEF665X |
DSP-based radio tuner one-chip
|
NXP
|
ADMC328-15 |
28-Lead ROM-Based DSP Motor Controller with Current Sense
|
Analog Devices
|
MSC7119VM1200 MSC7119VF1200 |
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
|
http:// Freescale Semiconductor...
|
ADSP-2185MKST-300 ADSP-2185M ADSP-2185MKST-300R AD |
DSP Microcomputer 24-BIT, 33 MHz, OTHER DSP, PQFP100 DSP Microcomputer 24-BIT, 37.5 MHz, OTHER DSP, PQFP100 24-BIT, 37.5 MHz, OTHER DSP, PQFP100 METRIC, PLASTIC, TQFP-100 ADSP-2185M: 16-bit. 75 MIPS. 2.5v. 2 serial ports. host port. 80 KB RAM Data Sheet (Rev. 0. 10/00)
|
Analog Devices, Inc.
|
1040470 |
LONG RANGE DISTANCE SENSORS
|
SICK AG
|
1026516 |
LONG RANGE DISTANCE SENSORS
|
SICK AG
|
1029571 |
LONG RANGE DISTANCE SENSORS
|
SICK AG
|
1058168 |
LONG RANGE DISTANCE SENSORS
|
SICK AG
|
1026515 |
LONG RANGE DISTANCE SENSORS
|
SICK AG
|
DL100-13HA2109 |
LONG RANGE DISTANCE SENSORS
|
SICK AG
|
DL100-21AB2103 |
LONG RANGE DISTANCE SENSORS
|
SICK AG
|