PART |
Description |
Maker |
BAS70-02W |
SENSOR VACUUM GAGE 1PSID Silicon Schottky Diode Schottky Diodes - Silicon AF Schottky diode for high-speed switching
|
INFINEON[Infineon Technologies AG]
|
BAT68-02L BAT68-07 BAT68-08S BAT68-09S BAT68-06W B |
Silicon Schottky Diodes 硅肖特基二极 Schottky Diodes - Silicon RF Schottky diode for mixer applications in the VHF/UHF range Schottky Diodes - Silicon RF Schottky diode array
|
INFINEON[Infineon Technologies AG]
|
IRF7322D1 |
MOSFET Schottky Diode ( VDSS = -20V , RDS(on) = 0.058W , Schottky Vf = 0.39V ) FETKY? MOSFET / Schottky Diode
|
International Rectifier
|
MBRX120-TP MBRX160 MBRX12011 MBRX140 |
DIODE SCHOTTKY 20V 1A SOD123 1 A, 20 V, SILICON, SIGNAL DIODE 1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
|
Micro Commercial Components, Corp.
|
HSCH-3486 HSCH3486 |
ZERO BIAS SCHOTTKY DIODE SILICON, ZERO BARRIER SCHOTTKY, X BAND, MIXER DIODE From old datasheet system
|
Advanced Semiconductor ASI
|
BAT54CW |
30V 0.2A Schottky Common Cathode Diode in a SOT-323 package SCHOTTKY DIODE 0.2 Amp
|
International Rectifier
|
MBR0540 2497 |
40V 0.5A Schottky Discrete Diode in a SOD-123 package From old datasheet system SCHOTTKY DIODE
|
International Rectifier
|
18TQ045 18TQ045S 18TQ035S 18TQ 18TQ035 18TQ040 18T |
45V 18A Schottky Discrete Diode in a TO-220AC package 45V 18A Schottky Discrete Diode in a D2-Pak package 40V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a TO-220AC package SCHOTTKY RECTIFIER CAT6 SOL PC PVC YEL 2OFT PVC SOLID PATCH CORD CAT6 SOL PC PVC YEL 30FT PVC SOLID PATCH CORD DIODE 18 A, 35 V, SILICON, RECTIFIER DIODE, TO-263AB, PLASTIC, SMD-220, D2PAK-3, Rectifier Diode 40V 18A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier] Vishay Semiconductors
|