PART |
Description |
Maker |
MC7912CT-BP MC7907CT-BP MC7909CT-BP MC7905CT-BP MC |
VOLTAGE REG NEG 12V 1500MA TO220 12 V FIXED NEGATIVE REGULATOR, PSFM3 Three-Terminal Negative Voltage Regulators
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
42051 42051-055 42051-065 42051-075 42051-085 4205 |
14V DC; 5A; fixed three terminal negative voltage regulator. Military and Hi Rel industrial applications where hermetically sealed product is required XTAL MTL T/H HC49/US 5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS 18 V FIXED NEGATIVE REGULATOR, MBFM2 XTAL MTL T/H HC49/U 10 V FIXED NEGATIVE REGULATOR, MBFM2 5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS 22 V FIXED NEGATIVE REGULATOR, MBFM2 XTAL MTL T/H HC49/U 6 V FIXED NEGATIVE REGULATOR, MBFM2
|
MICROPAC[Micropac Industries] Micropac Industries, Inc.
|
LD2982BM47R LD2982AM47R LD2982BM50R LD2982BM25R LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION
|
ST Microelectronics
|
OM7634NM OM7633NM OM7632NM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS
|
International Rectifier ETC List of Unclassifed Manufacturers
|
MC79M12BDTG MC79M12BTG MC79M12BDTRKG |
500 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PSSO2 500 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, SFM3
|
ON Semiconductor
|
MSK5332-10D MSK5332-5.0ES MSK5332-15U MSK5332-15HT |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 负,3安培,低压差稳压 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSIP3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
LM120AG/IG-05 LM7905AG LM7905ASMD-8QR-B LM7905AG-8 |
5 V FIXED NEGATIVE REGULATOR, MBFM2 Voltage Regulator 电压调节 1.5 AMP NEGATIVE VOLTAGE REGULATOR Analog IC 模拟IC
|
SEMELAB LTD Holt Integrated Circuits, Inc. Seme LAB TT electronics Semelab, Ltd.
|
OM7636SM |
Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator SURFACE MOUNT NEGATIVE ADJUSTABLE 1.0 AMP VOLTAGE REGULATOR
|
International Rectifier List of Unclassifed Manufacturers
|
L7908AC L7908ACD2T L7908ACV L7912AC L7912ACD2T L79 |
2% NEGATIVE VOLTAGE REGULATORS Negative Fixed Voltage Regulator 负固定电压稳压器
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
HA17432UA HA17432VLTP HA17432VUP HA17431VLP HA1743 |
Shunt Regulato
|
RENESAS[Renesas Electronics Corporation]
|
IP120H-05 IP7905H IP7905AH LM120H-05-BSS2 IP120H-0 |
5 VOLT NEGATIVE VOLTAGE REGULATOR Analog IC 5 V FIXED NEGATIVE REGULATOR, MBCY3
|
Seme LAB SEMELAB LTD
|