PART |
Description |
Maker |
AT27BV256-90TI AT27BV256 AT27BV256-12JC AT27BV256- |
High Speed CMOS Logic Dual 4-Stage Binary Counters 14-SOIC -55 to 125 32K X 8 OTPROM, 150 ns, PDSO28 High Speed CMOS Logic Dual 4-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input NOR Gates 14-PDIP -55 to 125 256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
EL7242 EL7252 EL7242CN EL7242CS |
Dual Input/ High Speed/ Dual Channel Power MOSFET Driver Driver, Power MOSFET, 2A Peak, High Speed, Dual Low Side Driver, NAND Gate function Dual Input, High Speed, Dual Channel Power MOSFET Driver
|
Intersil Corporation
|
ISL5629 ISL5629/2IN |
Dual 8-bit, 3.3V, 130/210 MSPS, CommLink™ High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 48-MQFP DUAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQFP48 D/A Converter, Dual, 8 Bit, 130/210MSPS, High Speed, 3.3V
|
Intersil, Corp.
|
EL7243 EL7243C EL7243CM |
Dual Input High Speed Dual Channel CCD Driver Dual Input, High Speed, Dual Channel CCD Driver
|
ELANTEC[Elantec Semiconductor]
|
ADP3624 ADP3623 ADP3625 ADP3633 ADP3634 |
High Speed, Dual, 4 A MOSFET Driver, non-inverting A/B input pins, 4.5V < Vin < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A/B input pins, 4.5V < Vin < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A & non-inverting B input pins, 4.5V < V<sub>in</sub> < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A/B input pins, 9.5V < V-in < 18V High Speed, Dual, 4 A MOSFET Driver, non-inverting A/B input pins, 9.5V < Vin < 18V
|
Analog Devices
|
IDT70T35L25BFI IDT70T24L25PFI IDT70T24L20PFI IDT70 |
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM JFET-Input Operational Amplifier 8-PDIP 0 to 70 8K X 18 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
LT1058AMJ LT1058MJ LT1058ISW LT1058CN LT1058SW LT1 |
Dual and Quad, JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1800 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDIP14
|
Linear Technology, Corp.
|
TC426IJA TC426COA TC428IJA TC427EOA TC428 TC427EPA |
The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage ... The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage level swing. The CMOS output is within 25mV of ground or positive supply. The low impedance, high-curre (TC426 - TC428) 1.5A Dual High-Speed Power MOSFET Drivers
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
IDT7008L20J IDT7008L20JB IDT7008L20JI IDT7008S_L I |
64K x 8 Dual-Port RAM From old datasheet system IC,SRAM,64KX8,CMOS,LDCC,84PIN,PLASTIC HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, CPGA84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 55 ns, PQCC84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology Inc Integrated Device Technology, Inc.
|
TC395CL TC390 TC390AL TC390CL TC391 TC391AL TC391C |
DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER High Noise Immunity Logic
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Microsemi
|
EL7144C |
Dual Input High Speed High Current Power MOSFET Driver
|
Elantec
|
|