PART |
Description |
Maker |
CY7C1475V33-133BGXI CY7C1475V33-133BGI CY7C1475V33 |
72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 8.5 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 6.5 ns, PQFP100 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构B>72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM) 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL?/a> Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL垄芒 Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
CY7C1371D-100AXI CY7C1371D-100BGI CY7C1373D-100BZI |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 18兆位(为512k × 36/1M × 18)流体系结构,通过与NoBLTM的SRAM 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1345 7C1345 |
128K x 36 Synchronous Flow-Through 3.3V Cache RAM(3.3V 128K x 36 同步流通式高速缓冲RAM) 128K的36同步流动,通过3.3V的高速缓存内存(3.3 128K的36同步流通式高速缓冲内存) From old datasheet system
|
Cypress Semiconductor Corp.
|
IDT70V9099L12PF IDT70V9099L12PFI IDT70V9199L9PFI I |
From old datasheet system 128K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 128K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.3 128Kx9/x8同步流水线双端口静态RAM Small Signal Diode 高.3 128Kx9/x8同步流水线双端口静态RAM
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
AS5SS128K36DQ-12/XT AS5SS128K36DQ-12/IT AS5SS128K3 |
128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT 128K X 36 ZBT SRAM, 8.5 ns, PQFP100
|
Austin Semiconductor, Inc
|
CY62137VNLL-70ZSXA CY62137VNLL-70ZSXE CY62137VNLL- |
2-Mbit (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PDSO44
|
Cypress Semiconductor Corp.
|
CY14B101K-SP35XIT CY14B101K-SP25XI |
1 Mbit (128K x 8) nvSRAM With Real Time Clock 128K X 8 NON-VOLATILE SRAM, 35 ns, PDSO48
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY62136VLL-55ZI CY62136VLL-55BAI CY62136VLL-55ZXI |
2-Mbit (128K x 16) Static RAM(2-Mb(128K x 16)静态RAM)
|
Cypress Semiconductor Corp.
|