PART |
Description |
Maker |
AMPAL22V10 |
PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
|
Advanced Micro Devices, Inc.
|
GS-R400V GS-R424 GS-R400VB GS-R405 GS-R405S GS-R41 |
20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN, SWITCHING REGULATOR FAMILY 20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY From old datasheet system 1-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
EP910I EP1810 EP910 EP610 EP610I EP910LC-30 |
CPLD, EP910 Family, ECMOS Process, 450 Gates, 24 Macro Cells, 24 Reg., 24 User I/Os, 5V Supply, 30 Speed Grade, 44LDCC The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
|
Altera Corporation
|
H8/36900 H8/36902F H8/36901 H8/36912F HD64F36902G |
16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series 16位单片机H8 Family/H8/300H Tiny系列 (HD64xxx Series) 16-BIT MICROCONTROLLER
|
http:// Renesas Electronics, Corp. Renesas Electronics Corporation.
|
LFEC15E-4F256C LFEC15E-4F256I LFEC15E-4F484C LFEC1 |
LatticeEC family of FPGA. LatticeECP family of FPGA.
|
Lattice Semiconductor
|
XC17S50XLSO20C XC17S10XLPD8C XC17S10XLVOG8C XC17S1 |
SERIAL PROM FOR 5000 SYSTEM GATE LOGIC C SPECIALTY MEMORY CIRCUIT, PDIP8 Spartan/XL Family One-Time Programmable Configuration PROMs Spartan/XL Family One-Time Programmable
|
Xilinx, Inc.
|
LT1460HCS3-10 LT1460HCS3-2.5 LT1460HCS3-3 LT1460HC |
Family of Micropower Series References in SOT-23 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 Family of Micropower Series References in SOT-23 家庭的微系列参考采用SOT - 23
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
MPC8265 MPC8255 MPC8260AVR MPC8260AZU MPC8260ZU MP |
MPC826xA (HiP4) Family Hardware Specifications MPC826xA (HiP4) Family Hardware Specifications PowerQUICC II™ Integrated Communications Processor V(dd): -0.3 to 2.5V; 150-300MHz microprocessor
|
http:// Motorola, Inc Freescale (Motorola)
|
ADSP-21062LKB-160 ADSP-21062KB-160 ADSP-21062CS-16 |
ADSP-2106x SHARC DSP Microcomputer Family Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADSP-2106x SHARC DSP Microcomputer Family 48-BIT, 33.33 MHz, OTHER DSP, PQFP240
|
Analog Devices, Inc.
|
AB28F400BX-T90 A28F400BX-B AB28F400BX-B90 |
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT 256K x16/ 512K x8 BOOT BLOCK FLASH MEMORY FAMILY JT 23C 2#16 21#20 SKT RECP JT 32C 32#20 PIN RECP 4-MBIT (256K x16. 512K x8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56K x16。为512k × 8)启动块闪存系列 4-MBIT (256K x16, 512K x8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel Corporation Intel Corp. Intel, Corp.
|
E28F004SC-85 28F008SC 28F016SC G28F008SC-150 G28F0 |
BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT 8-MBIT SmartVoltage FlashFile Memory(8M位智能电压闪速存储器) 16-MBIT SmartVoltage FlashFile Memory(16M位智能电压闪速存储器) BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 85 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 字节宽SmartVoltage FlashFile Memory系列486兆比 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 120 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 100 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 2M X 8 FLASH 3.3V PROM, 120 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
MPC860UM MPC860UMAD |
Errata to the MPC860 PowerQUICC Family User’s Manual, Rev. 2 Errata to the MPC860 PowerQUICC⑩ Family User’s Manual, Rev. 2 Errata to the MPC860 PowerQUICC Family Users Manual Rev. 2 Errata to the MPC860 PowerQUICC Family Users Manual, Rev. 2 Errata to the MPC860 PowerQUICCFamily UserManual, Rev. 2
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|